Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7992 Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM7992
Description  Serial Interface Adapter (SIA)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7992 Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM7992 Datasheet HTML 11Page - Advanced Micro Devices AM7992 Datasheet HTML 12Page - Advanced Micro Devices AM7992 Datasheet HTML 13Page - Advanced Micro Devices AM7992 Datasheet HTML 14Page - Advanced Micro Devices AM7992 Datasheet HTML 15Page - Advanced Micro Devices AM7992 Datasheet HTML 16Page - Advanced Micro Devices AM7992 Datasheet HTML 17Page - Advanced Micro Devices AM7992 Datasheet HTML 18Page - Advanced Micro Devices AM7992 Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AMD
15
Am7992B
SWITCHING CHARACTERISTICS (continued)
*Min = 4.5 V, Max = 5.5 V, TOSC = 50 ns; in production test, all differential input test conditions are done single-ended,
non-VIRD levels are forces on DUT for waveform swing (levels chosen are due to tester limitations) and a distortion-free
preamble is applied to Receive
± inputs.
Notes:
1. Tested but to values in excess of limits. Test accuracy not sufficient to allow screening guardbands.
2. Correlated to other tested parameter: IOD OFF = VOD OFF/RL
.
3. Not tested.
4. Test done by monitoring output functionally.
5. Receive, Collision and Transmit functions are inactive: X1 driven by 20 MHz.
6. Not more than one output should be shorted at a time. Duration of the short circuit test should not exceed one second.
7. TCLK changes state on X1 rising edge, but initial state of TCLK is not defined. When TENA is High, TX data is
Manchester encoded on the falling edge of X1 after the rising edge of TCLK.
8. Assumes 50 pF capacitance loading on RCLK and RX.
9. Test is done only for last BIT = 1, which is worst case.
10. Test done from 0.8 V of falling to 2.0 V of rising edge.
11. Test correlated to TTCH
.
12. Measured from 50% point of X1 driving the input in production test.
No.
Parameters
Description
Test Conditions
Min
Max
Unit
Transmitter Specification
24
tTCL
TCLK LOW Time
(Note 11)
45
ns
25
tTCH
TCLK HIGH Time
45
ns
26
tTCR
TCLK Rise Time
8
ns
27
tTCF
TCLK Rise Time
8
ns
28
tTDS, tTES
TX and TENA Setup Time to TCLK
5
ns
29
tTDH, tTEH
TX and TENA Hold Time to TCLK
5
ns
30
tTOCE
Transmit
± Output, (Bit Cell Center to Edge)
49.5
50.5
ns
31
tOD
TCLK HIGH to Transmit
± Output
100
ns
32
tTOR
Transmit
± Output Rise Time
4
ns
33
tTOF
Transmit
± Output Fall Time
4
ns
34
tXTCH
X1 to TCLK Propagation Delay for HIGH
5
18
ns
35
tXTCL
X1 to TCLK Propagation Delay for LOW
5
18
ns
36
tEJ1
Clock Acquisition Jitter Tolerance
VCC = 5.0 V (Note 1)
16
21.5
ns
37
tEJ51
Jitter Tolerance After 50 Bit Times
VCC = 5.0 V (Note 1)
19
24.4
ns
(Note 1)
20% – 80%
(Notes 7 & 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com