Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C972 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 59Page - Advanced Micro Devices AM79C972 Datasheet HTML 60Page - Advanced Micro Devices AM79C972 Datasheet HTML 61Page - Advanced Micro Devices AM79C972 Datasheet HTML 62Page - Advanced Micro Devices AM79C972 Datasheet HTML 63Page - Advanced Micro Devices AM79C972 Datasheet HTML 64Page - Advanced Micro Devices AM79C972 Datasheet HTML 65Page - Advanced Micro Devices AM79C972 Datasheet HTML 66Page - Advanced Micro Devices AM79C972 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 130 page
background image
Am79C972
63
byte ordering is such that the first byte received from
the network (after the SFD) must match the least signif-
icant byte of CSR12 (PADR[7:0]), and the sixth byte re-
ceived must match the most significant byte of CSR14
(PADR[47:40]).
When DRCVPA (CSR15, bit 13) is set to 1, the
Am79C972 controller will not accept unicast frames.
If the incoming frame is multicast, the Am79C972 con-
troller performs a calculation on the contents of the
destination address field to determine whether or not to
accept the frame. This calculation is explained in the
section that describes the Logical Address Filter
(LADRF).
When all bits of the LADRF registers are 0, no multicast
frames are accepted, except for broadcast frames.
Although broadcast frames are classified as special
multicast frames, they are treated differently by the
Am79C972 controller hardware. Broadcast frames are
always accepted, except when DRCVBC (CSR15, bit
14) is set and there is no Logical Address match.
None of the address filtering described above applies
when the Am79C972 controller is operating in the pro-
miscuous mode. In the promiscuous mode, all properly
formed packets are received, regardless of the con-
tents of their destination address fields. The promiscu-
ous mode overrides the Disable Receive Broadcast bit
(DRCVBC bit l4 in the MODE register) and the Disable
Receive Physical Address bit (DRCVPA, CSR15, bit
13).
The Am79C972 controller operates in promiscuous
mode when PROM (CSR15, bit 15) is set.
In addition, the Am79C972 controller provides the Ex-
ternal Address Detection Interface (EADI) to allow ex-
ternal address filtering. See the section External
Address Detection Interface for further detail.
The receive descriptor entry RMD1 contains three bits
that indicate which method of address matching
caused the Am79C972 controller to accept the frame.
Note that these indicator bits are only available when
the Am79C972 controller is programmed to use 32-bit
structures for the descriptor entries (BCR20, bit 7-0,
SWSTYLE is set to 2 or 3).
PAM (RMD1, bit 22) is set by the Am79C972 controller
when it accepted the received frame due to a match of
the frame’s destination address with the content of the
physical address register.
LAFM (RMD1, bit 21) is set by the Am79C972 control-
ler when it accepted the received frame based on the
value in the logical address filter register.
BAM (RMD1, bit 20) is set by the Am79C972 controller
when it accepted the received frame because the
frame’s destination address is of the type ’Broadcast’.
If DRCVBC (CSR15, bit 14) is cleared to 0, only BAM,
but not LAFM will be set when a Broadcast frame is re-
ceived, even if the Logical Address Filter is pro-
grammed in such a way that a Broadcast frame would
pass the hash filter. If DRCVBC is set to 1 and the Log-
ical Address Filter is programmed in such a way that a
Broadcast frame would pass the hash filter, LAFM will
be set on the reception of a Broadcast frame.
When the Am79C972 controller operates in promiscu-
ous mode and none of the three match bits is set, it is
an indication that the Am79C972 controller only ac-
cepted the frame because it was in promiscuous mode.
When the Am79C972 controller is not programmed to
be in promiscuous mode, but the EADI interface is en-
abled, then when none of the three match bits is set, it
is an indication that the Am79C972 controller only ac-
cepted the frame because it was not rejected by driving
the EAR pin LOW within 64 bytes after SFD.
See Table 6 for receive address matches.
Table 6.
Receive Address Match
Automatic Pad Stripping
During reception of an IEEE 802.3 frame, the pad field
can be stripped automatically. Setting ASTRP_RCV
(CSR4, bit 0) to 1 enables the automatic pad stripping
feature. The pad field will be stripped before the frame
is passed to the FIFO, thus preserving FIFO space for
additional frames. The FCS field will also be stripped,
since it is computed at the transmitting station based on
the data and pad field characters, and will be invalid for
a receive frame that has had the pad characters
stripped.
The number of bytes to be stripped is calculated from
the embedded length field (as defined in the ISO 8802-
3 (IEEE/ANSI 802.3) definition) contained in the frame.
The length indicates the actual number of LLC data
bytes contained in the message. Any received frame
which contains a length field less than 46 bytes will have
the pad field stripped (if ASTRP_RCV is set). Receive
PAM
LAF
MBAM
DRC
VBC
Comment
00
0
X
Frame accepted due to
PROM = 1 or no EADI
reject
1
0
0
X
Physical address match
01
00
Logical address filter
match;
frame is not of type
broadcast
01
01
Logical address filter
match;
frame can be of type
broadcast
00
10
Broadcast frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com