Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C972 Datasheet(PDF) 76 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 76 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 72Page - Advanced Micro Devices AM79C972 Datasheet HTML 73Page - Advanced Micro Devices AM79C972 Datasheet HTML 74Page - Advanced Micro Devices AM79C972 Datasheet HTML 75Page - Advanced Micro Devices AM79C972 Datasheet HTML 76Page - Advanced Micro Devices AM79C972 Datasheet HTML 77Page - Advanced Micro Devices AM79C972 Datasheet HTML 78Page - Advanced Micro Devices AM79C972 Datasheet HTML 79Page - Advanced Micro Devices AM79C972 Datasheet HTML 80Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 130 page
background image
76
Am79C972
Figure 41.
EPROM Only Configuration for the Expansion Bus (>64K EPROM)
Since setting MEMEN also enables memory mapped
access to the I/O resources, attention must be given to
the PCI Memory Mapped I/O Base Address register,
before enabling access to the Expansion ROM. The
host must set the PCI Memory Mapped I/O Base Ad-
dress register to a value that prevents the Am79C972
controller from claiming any memory cycles not in-
tended for it.
During the boot procedure, the system will try to find an
Expansion ROM. A PCI system assumes that an Ex-
pansion ROM is present when it reads the ROM signa-
ture 55h (byte 0) and AAh (byte 1).
Direct Flash Access
Am79C972 controller supports Flash as an Expansion
ROM device, as well as providing a read/write data
path to the Flash. The Am79C972 controller will sup-
port up to 1 Mbyte of Flash on the Expansion Bus. The
Flash is accessed by a read or write to the Expansion
Bus Data port (BCR30). The user must load the upper
address EPADDRU (BCR 29, bits 3-0) and then set the
FLASH (BCR29, bit 15) bit to a 1. The Flash read/write
utilizes the PCI clock instead of the EBCLK during all
accesses. EPADDRU is not needed if the Flash size is
64K or less, but still must be programmed. The user will
then load the lower 16 bits of address, EPADDRL (BCR
28, bits 15-0).
Flash/EPROM Read
A read to the Expansion Bus Data Port (BCR30) will
start a read cycle on the Expansion Bus Interface. The
Am79C972 controller will drive EBUA_EBA[7:0] with
the most significant address byte at the same time the
Am79C972 controller will drive AS_EBOE high to
strobe the address in the external ‘374 (D flip-flop). On
the next clock, the Am79C972 controller will drive
EBDA[15:8] and EBUA_EBA[7:0] with the middle and
least significant address bytes.
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EBWE
EROMCS
A[15:8]
A[7:0]
DQ[7:0]
OE
CS
Am79C972
EPROM
AS_EBOE
’374
D-FF
A[23:16]
21485C-44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com