Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C972 Datasheet(PDF) 13 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 9Page - Advanced Micro Devices AM79C972 Datasheet HTML 10Page - Advanced Micro Devices AM79C972 Datasheet HTML 11Page - Advanced Micro Devices AM79C972 Datasheet HTML 12Page - Advanced Micro Devices AM79C972 Datasheet HTML 13Page - Advanced Micro Devices AM79C972 Datasheet HTML 14Page - Advanced Micro Devices AM79C972 Datasheet HTML 15Page - Advanced Micro Devices AM79C972 Datasheet HTML 16Page - Advanced Micro Devices AM79C972 Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
Am79C972
13
PIN DESIGNATIONS
Listed By Group
Note: 1. Not including test features.
Pin Name
Pin Function
Type1
No. of Pins
Media Independent Interface (MII)
COL
Collision
I
1
CRS
Carrier Sense
I
1
MDC
Management Data Clock
O
1
MDIO
Management Data I/O
IO
1
RX_CLK
Receive Clock
I
1
RXD[3:0]
Receive Data
I
4
RX_DV
Receive Data Valid
I
1
RX_ER
Receive Error
I
1
TX_CLK
Transmit Clock
I
1
TXD[3:0]
Transmit Data
O
4
TX_EN
Transmit Data Enable
O
1
TX_ER
Transmit Error
O
1
General Purpose Serial Interface (GPSI)
CLSN
Collision
I
1
RXCLK
Receive Clock
I
1
RXDAT
Receive Data
I
1
RXEN
Receive Enable
I
1
TXCLK
Transmit Clock
I
1
TXDAT
Transmit Data
O
1
TXEN
Transmit Enable
O
1
External Address Detection Interface (EADI)
EAR
External Address Reject Low
I
1
SFBD
Start Frame Byte Delimiter
O
1
SRD
Serial Receive Data
O
1
SRDCLK
Serial Receive Data Clock
O
1
RXFRTGD
Receive Frame Tag Data
I
1
RXFRTGE
Receive Frame Tag Enable
I
1
MIIRXFRTGD
MII Receive Frame Tag Data
I
1
MIIRXFRTGE
MII Receive Frame Tag Enable
I
1
Power Management Interface
RWU
Remote Wake Up
O
1
PME
Power Management Event
O
1
WUMI
Wake-Up Mode Indication
O
1
PG
Power Good
I
1
IEEE 1149.1 Test Access Port Interface (JTAG)
TCK
Test Clock
I
1
TDI
Test Data In
I
1
TDO
Test Data Out
O
1
TMS
Test Mode Select
I
1
Power Supplies
VDD
Digital Power
P
6
VSS
Digital Ground
P
8
VDDB
I/O Buffer Power
P
7
VSSB
I/O Buffer Ground
P
17
VDD_PCI
PCI I/O Buffer Power
P
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com