Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C972 Datasheet(PDF) 72 Page - Advanced Micro Devices

Part # AM79C972
Description  PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C972 Datasheet(HTML) 72 Page - Advanced Micro Devices

Back Button AM79C972 Datasheet HTML 68Page - Advanced Micro Devices AM79C972 Datasheet HTML 69Page - Advanced Micro Devices AM79C972 Datasheet HTML 70Page - Advanced Micro Devices AM79C972 Datasheet HTML 71Page - Advanced Micro Devices AM79C972 Datasheet HTML 72Page - Advanced Micro Devices AM79C972 Datasheet HTML 73Page - Advanced Micro Devices AM79C972 Datasheet HTML 74Page - Advanced Micro Devices AM79C972 Datasheet HTML 75Page - Advanced Micro Devices AM79C972 Datasheet HTML 76Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
72
Am79C972
External Address Detection Interface: External
PHY
When using the MII, the EADI interface changes to re-
flect the changes on that interface. Except for the nota-
tions below the interface conforms to the previous
functionality. The data arrives in nibbles and can be at
a rate of 25 MHz or 2.5 MHz.
The MII provides all necessary data and clock signals
needed for the EADI interface. Consequently, SRDCLK
and SRD are not used and are driven to 0. Data for the
EADI is the RXD(3:0) receive data provided to the MII.
Instead of deserializing the network data, the user will
receive the data as 4 bit nibbles. RX_CLK is provided
to allow clocking of the RXD(3:0) receive nibble stream
into the external address detection logic. The RXD(3:0)
data is synchronous to the rising edge of the RX_CLK.
The assertion of SFBD is a signal to the external ad-
dress detection logic that the SFD has been detected
and that the first valid data nibble is on the RXD(3:0)
data bus. The SFBD signal is delayed one RX_CLK
cycle from the above definition and actually signals the
start of valid data. In order to reduce the amount of
logic external to the Am79C972 controller for multiple
address decoding systems, the SFBD signal will go
HIGH at each new byte boundary within the packet,
subsequent to the SFD. This eliminates the need for ex-
ternally supplying byte framing logic.
The EAR pin function is the same and should be driven
LOW by the external address comparison logic to reject
a frame. See the External Address Detection Interface:
GPSI Port section for more details.
External Address Detection Interface: Receive
Frame Tagging
The Am79C972 controller supports receive frame tag-
ging in both GPSI or MII mode. The method remains
constant, but the chip interface pins will change be-
tween the MII and the GPSI modes. The receive frame
tagging implementation will be a two- and three-wire
chip interface, respectively, added to the existing EADI.
The Am79C972 controller supports up to 15 bits of re-
ceive frame tagging per frame in the receive frame sta-
tus (RFRTAG). The RFRTAG bits are in the receive
frame status field in RMD2 (bits 30-16) in 32-bit soft-
ware mode. The receive frame tagging is not supported
in the 16-bit software mode. The RFRTAG field are all
zeros when either the EADISEL (BCR2, bit3) or the
RXFRTAG (CSR7, bit 14) are set to 0. When EADISEL
(BCR2, bit 3) and RXFRTAG (CSR7, bit 14) are set to
1, then the RFRTAG reflects the tag word shifted in dur-
ing that receive frame.
In the MII mode, the two-wire interface will use the
MIIRXFRTGD and MIIRXFRTGE pins from the EADI
interface. These pins will provide the data input and
data input enable for the receive frame tagging, respec-
tively. These pins are normally not used during the MII
operation.
In the GPSI mode, the three-wire interface will use the
RXFRTGD, SRDCLK, and the RXFRTGE pins from the
EADI and MII. These pins will provide the data input,
data input clock, and the data input for the receive
frame tagging enable, respectively.
The receive frame tag register is a shift register that
shifts data in MSB first, so that less than the 15 bits al-
located may be utilized by the user. The upper bits not
utilized will return zeros. The receive frame tag register
is set to 0 in between reception of frames. After receiv-
ing SFBD indication on the EADI, the user can start
shifting data into the receive tag register until one net-
work clock period before the Am79C972 controller re-
ceives the end of the current receive frame.
In the MII mode, the user must see the RX_CLK to
drive the synchronous receive frame tag data interface.
After receiving the SFBD indication, sampled by the ris-
ing edge of the RX_CLK, the user will drive the data
input and the data input enable synchronous with the
rising edge of the RX_CLK. The user has until one net-
work clock period before the deassertion of the RX_DV
to input the data into the receive frame tag register. At
the deassertion of the RX_DV, the receive frame tag
register will no longer accept data from the two-wire in-
terface. If the user is still driving the data input enable
pin, erroneous or corrupted data may reside in the re-
ceive frame tag register. See Figure 37.
In the GPSI mode, the user must use the recovered re-
ceive data clock driven on the SRDCLK pin to drive the
synchronous receive frame tag data interface. After re-
ceiving the SFBD indication, sampled by the rising
edge of the recovered receive data clock, the user will
drive the data input and the data input enable synchro-
nous with the rising edge of the recovered receive data
clock. The user has until one network clock period be-
fore the deassertion of the data from the network to
input the data into the receive frame tag register. At the
completion of received network data, the receive frame
tag register will no longer accept data from the two-wire
interface. If the user is still driving the data input enable
pin, erroneous or corrupted data may reside in the re-
ceive frame tag register. See Figure 38.
Table 8.
EADI Operations
PROM
EAR
Required
Timing
Received
Frames
1
X
No timing
requirements
All received frames
0
1
No timing
requirements
All received frames
0
0
Low for two bit
times plus 10 ns
Frame rejected if in
address match
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com