Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C974 Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AM79C974
Description  PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C974 Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AM79C974 Datasheet HTML 17Page - Advanced Micro Devices AM79C974 Datasheet HTML 18Page - Advanced Micro Devices AM79C974 Datasheet HTML 19Page - Advanced Micro Devices AM79C974 Datasheet HTML 20Page - Advanced Micro Devices AM79C974 Datasheet HTML 21Page - Advanced Micro Devices AM79C974 Datasheet HTML 22Page - Advanced Micro Devices AM79C974 Datasheet HTML 23Page - Advanced Micro Devices AM79C974 Datasheet HTML 24Page - Advanced Micro Devices AM79C974 Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 153 page
background image
P R E L I M I N A R Y
AMD
21
Am79C974
The PCnet-SCSI controller monitors the
PERR input
during a bus master write cycle. It will assert the Data
Parity Reported bit in the Status register of the Configu-
ration Space when a parity error is reported by the target
device.
When
RST is active, PERR is an input for NAND tree
testing.
REQA
Bus Request
Input/Output, Active Low
The Am79C974’s SCSI controller asserts
REQA pin as
a signal that it wishes to become a bus master. Once as-
serted,
REQA remains active until GNTA has become
active.
When
RST is active, REQA is an input for NAND tree
testing. This is the only time
REQA is an input.
REQB
Bus Request
Input/Output, Active Low
The Am79C974’s Ethernet controller asserts
REQB pin
as a signal that it wishes to become a bus master. Once
asserted,
REQB remains active until GNT has become
active, independent of subsequent assertion of
SLEEP
or setting of the STOP bit or access to the S_RESET
port (offset 14h).
When
RST is active, REQB is an input for NAND tree
testing. This is the only time
REQB is an input.
RST
Reset
Input, Active Low
When
RST is asserted low, then the PCnet-SCSI con-
troller performs an internal system reset of the type
H_RESET (HARDWARE_RESET).
RST must be held
for a minimum of 30 CLK periods. While in the H_RE-
SET state, the PCnet-SCSI controller will disable or
deassert all outputs.
RST may be asynchronous to the
CLK when asserted or deasserted. It is recommended
that the deassertion be synchronous to guarantee a
clean and bounce free edge.
When
RST is active, NAND tree testing is enabled. All
PCI interface pins are in input mode. The result of the
NAND tree testing can be observed on the
BUSY output
(pin 62).
SERR
System Error
Input/Output, Active Low, Open Drain
This signal is asserted for one CLK by the PCnet-SCSI
controller when it detects a parity error during the ad-
dress phase when its AD[31:00] lines are inputs.
The
SERR pin is only active when SERREN (bit 8) and
PERREN (bit 6) in the PCI command register are set.
When
RST is active, SERR is an input for NAND tree
testing.
STOP
Stop
Input/Output, Active Low
In the slave role, the PCnet-SCSI controller drives the
STOP signal to inform the bus master to stop the current
transaction. In the bus master role, the PCnet-SCSI
controller receives the
STOP signal and stops the cur-
rent transaction.
When
RST is active, STOP is an input for NAND tree
testing.
TRDY
Target Ready
Input/Output, Active Low
This signal indicates the PCnet-SCSI controller’s ability
as a selected device to complete the current data phase
of the transaction.
TRDY is used in conjunction with the
IRDY. A data phase is completed on any clock both
TRDY and IRDY are asserted. During a read TRDY indi-
cates that valid data is present on AD[31:00]. During a
write,
TRDY indicates that data has been accepted.
Wait states are inserted until both
IRDY and TRDY are
asserted simultaneously.
When
RST is active, TRDY is an input for NAND tree
testing.
Ethernet Controller Pins
Board Interface
LED1
LED1
Output
This pin is shared with the EESK function. As
LED1, the
function and polarity of this pin are programmable
through BCR5. By default,
LED1 is active LOW and it in-
dicates receive activity on the network. The
LED1 output
from the PCnet-SCSI controller is capable of sinking the
12 mA of current necessary to drive an LED directly.
The
LED1 pin is also used during EEPROM Auto-detec-
tion to determine whether or not an EEPROM is present
at the PCnet-SCSI controller Microwire interface. At the
trailing edge of the
RST pin, LED1 is sampled to deter-
mine the value of the EEDET bit in BCR19. A sampled
HIGH value means that an EEPROM is present, and
EEDET will be set to ONE. A sampled LOW value
means that an EEPROM is not present, and EEDET will
be set to ZERO. See the EEPROM Auto-detection sec-
tion for more details.
If no LED circuit is to be attached to this pin, then a pull
up or pull down resistor must be attached instead, in or-
der to resolve the EEDET setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com