Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C974 Datasheet(PDF) 63 Page - Advanced Micro Devices

Part # AM79C974
Description  PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C974 Datasheet(HTML) 63 Page - Advanced Micro Devices

Back Button AM79C974 Datasheet HTML 59Page - Advanced Micro Devices AM79C974 Datasheet HTML 60Page - Advanced Micro Devices AM79C974 Datasheet HTML 61Page - Advanced Micro Devices AM79C974 Datasheet HTML 62Page - Advanced Micro Devices AM79C974 Datasheet HTML 63Page - Advanced Micro Devices AM79C974 Datasheet HTML 64Page - Advanced Micro Devices AM79C974 Datasheet HTML 65Page - Advanced Micro Devices AM79C974 Datasheet HTML 66Page - Advanced Micro Devices AM79C974 Datasheet HTML 67Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 153 page
background image
P R E L I M I N A R Y
AMD
63
Am79C974
the upper two bytes of the data bus will be undefined
since the byte mask will not be active for those bytes.
If DWIO mode has been invoked, then the BDP has a
width of 32 bits, hence, all BCR locations have 32 bits of
width and the upper two bytes of the data bus will be ac-
tive, as indicated by the byte mask. In this case, note
that the upper 16 bits of all BCR locations are reserved
and written as ZEROs and read as undefined. There-
fore, during BDP write operations in DWIO mode, the
upper 16 bits of all BCR locations should be written as
ZEROs.
RESET Register (S_RESET)
A read of the reset register creates an internal S_RE-
SET pulse in the Am79C974 controller. This read ac-
cess cycle must be 16 bits wide in WIO mode and 32 bits
wide in DWIO mode. The internal S_RESET pulse that
is generated by this access is different from both the as-
sertion of the hardware
RST pin (H_RESET) and from
the assertion of the software STOP bit. Specifically, the
reset registers S_RESET will be the equivalent of the
assertion of the
RST pin (H_RESET) assertion for all
CSR locations, but S_RESET will have no effect at all on
the BCR or PCI configuration space locations, and
S_RESET will not cause a deassertion of the
REQ pin.
The NE2100 LANCE based family of Ethernet cards re-
quires that a write access to the reset register follows
each read access to the reset register. The Am79C974
controller does not have a similar requirement. The write
access is not required but it does not have any
harmful effects.
Write accesses to the reset register will have no effect
on the Am79C974 controller.
Note that a read access of the reset register will take
longer than the normal I/O access time of the
Am79C974 controller. This is because an internal
S_RESET pulse will be generated due to this access,
and the access will not be allowed to complete on the
system bus until the internal S_RESET operation has
been completed. This is to avoid the problem of allowing
a new I/O access to proceed while the S_RESET opera-
tion has not yet completed, which would result in errone-
ous data being returned by (or written into) the
Am79C974 controller. The length of a read of the Reset
register can be as long as 64 clock cycles.
Note that a read of the reset register will
not cause a
deassertion of the
REQ signal, if it happens to be active
at the time of the read of the reset register. The
REQ sig-
nal will remain active until the
GNT signal is asserted.
Following the read of the reset register, on the next clock
cycle after the
GNT signal is asserted, the Am79C974
controller will deassert the
REQ signal. No bus master
accesses will have been performed during this brief bus
ownership period.
Note that this behavior differs from that which occurs fol-
lowing the assertion of a minimum-width pulse on the
RST pin (H_RESET). A RST pin assertion will cause the
REQ signal to deassert within six clock cycles following
the assertion. In the
RST pin case, the Am79C974 con-
troller will not wait for the assertion of the
GNT signal be-
fore deasserting the
REQ signal.
Vendor Specific Word
This I/O offset is reserved for use by the system de-
signer. The Am79C974 controller will not respond to ac-
cesses directed toward this offset. The Vendor Specific
Word is only available when the Am79C974 controller is
programmed to word I/O mode (DWIO = 0).
If more than one Vendor Specific Word is needed, it is
suggested that the VSW location should be divided into
a VSW Register Address Pointer (VSWRAP) at one lo-
cation (e.g. VSWRAP at byte location 18h or word loca-
tion 30h, depending upon DWIO state) and a VSW Data
Port (VSWDP) at the other location (e.g. VSWDP at byte
location 19h or word location 32h, depending upon
DWIO state). Alternatively, the system may capture
RAP data accesses in parallel with the Am79C974 con-
troller and therefore share the Am79C974 controller
RAP to allow expanded VSW space. Am79C974 con-
troller will not respond to access to the VSW I/O ad-
dress.
Reserved I/O Space
These locations are reserved for future use by AMD.
The Am79C974 controller does not respond to ac-
cesses directed toward these locations, but future AMD
products that are intended to be upward compatible with
the Am79C974 controller device may decode accesses
to these locations. Therefore, the system designer may
not utilize these I/O locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com