Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C974 Datasheet(PDF) 39 Page - Advanced Micro Devices

Part # AM79C974
Description  PCnetTM-SCSI Combination Ethernet and SCSI Controller for PCI Systems
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C974 Datasheet(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C974 Datasheet HTML 35Page - Advanced Micro Devices AM79C974 Datasheet HTML 36Page - Advanced Micro Devices AM79C974 Datasheet HTML 37Page - Advanced Micro Devices AM79C974 Datasheet HTML 38Page - Advanced Micro Devices AM79C974 Datasheet HTML 39Page - Advanced Micro Devices AM79C974 Datasheet HTML 40Page - Advanced Micro Devices AM79C974 Datasheet HTML 41Page - Advanced Micro Devices AM79C974 Datasheet HTML 42Page - Advanced Micro Devices AM79C974 Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 153 page
background image
P R E L I M I N A R Y
AMD
39
Am79C974
Target Abort
Figure 13 shows a target abort sequence. The target as-
serts
DEVSEL for one clock. It then deasserts DEVSEL
and asserts
STOP on clock 4. A target can use the target
abort sequence to indicate that it cannot service the data
transfer and that it does not want the transaction to be
retried. Additionally, the Am79C974 controller cannot
make any assumption about the success of the previous
data
transfers
in
the
current
transaction.
The
Am79C974 controller terminates the current transfer
with the deassertion of
FRAME on clock 5 and one clock
cycle later with the deassertion of
IRDY. It finally re-
leases the bus on clock 6.
Since data integrity is not guaranteed, the Am79C974
controller cannot recover from a target abort event. For
Ethernet, the Am79C974 controller will reset all CSR
and BCR locations to their H_RESET values. Any on-
going network activity will be stopped immediately. The
PCI configuration registers will not be cleared. For
SCSI, when target aborts,
INTA will not be asserted, but
the ABORT bit (bit 2 of the DMA status register at offset
54h), is set. For either Ethernet or SCSI a target abort
causes RTABORT (bit 12) of the status register in the
appropriate PCI configuration space to be set.
18681A-17
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
REQ
GNT
123456
DATA
0000
0111
PAR
PAR
PAR
DEVSEL is sampled by the Am79C974 controller.
STOP
ADDR
Figure 13. Target Abort



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com