Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPG-COM2 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # FPG-COM2
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM2 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  FPG-COM2 Datasheet HTML 1Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 2Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 3Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 4Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 5Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 6Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 7Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 8Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
0
10
30
40
50
60
70
80
The next generation compact PLC
FP
S (Sigma) – Transistor output type with thermistor input
FP
S (Sigma) –
Relay output type
with thermistor input
2 Thermistor inputs
FPG-C24R2HTM
24 points
Input
16 points
Output
8 points
2 Thermistor inputs
FPG-C32T2HTM
32 points
Input
16 points
Output
16 points
2 Thermistor inputs
FPG-C28P2HTM
28 points
Input
16 points
Output
12 points
Temperature
control
High expansion capability
FP
S (Sigma) can use the expansion units of the FP0 on the right-hand side.
New FP
S (Sigma) units can be added to the left-hand side.
Max. 4 expansion units
each 64 I/Os = 256 I/Os
Parallel
expansion
BUS
Serial
expansion
BUS
CPU
max. 32 I/Os
Max. 3 expansion units
each 32 I/Os = 96 I/Os
FP
S (Sigma)
Relay output type
FP
S (Sigma) – Transistor output type
Terminal type
FPG-C24R2H-A
24 points
Input
16 points
Output
8 points
Connector type
FPG-C32T2H-A
32 points
Input
16 points
Output (NPN)
16 points
Connector type
FPG-C28P2H-A
28 points
Input
16 points
Output (PNP)
12 points
…up to
384 I/O
!
FP
S (Sigma) CPUs
Outstanding performance in a compact design
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com