Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPG-COM2 Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # FPG-COM2
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM2 Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button FPG-COM2 Datasheet HTML 12Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 13Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 14Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 15Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 16Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 17Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 18Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 19Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 20Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
FPΣ +
S-LINK unit
FPG-SL
16
FP
S (Sigma) S-Link expansion unit
Flexible wire-saving link system S-Link
Features
Up to four S-Link units can be attached to one FP

S (Sigma) CPU.
Each unit supports up to 128 I/O signals over a pair of wires up to a distance of 200m

(400m when a booster is used).
The combination of input and output point quantities (a total of 128 points max.) can be set by the rotary

switch in increments of 32 points.
The transmission line connection is realized via a T-branch multi-drop wiring with hook-up connectors.

Adding devices is rendered easy and maintenance is easy.
FP
S (Sigma) + S-Link unit
Features
The four-wire cable (two signal wires and two power wires) enables efficient

wiring, and the T-branch wirinig enables a flexible connection layout.
About 60 types of S-Link input/output devices can be

connected to this unit, enabling it to meet diverse I/O
needs. In addition, the high transmission voltage
(24VDC) and the wide clock width (35µs) provide high
noise immunity. Flexible and reliable wiring is available,
reducing the wiring work.
Features
The control unit automatically recognizes I/O allocation in accordance with the attached S-Link unit

position, making the S-Link unit as easy to use as a common expansion I/O device.
If the main wire is broken and an input/output device cannot be recognized, then the S-Link unit displays

the device number. This function significantly reduces the time required for troubleshooting during an
equipment startup check or recovering from on-site problems.
Specifications
35 s
Transmission method
Bi-directional time-divided multiple signal transmission
Synchronization
Bit synchronization, frame synchronization
Transmission protocol
S-Link protocol
Transmission line
Exclusive flat cable or cabtyre cable
Transmission speed
28.5kbps
Transmission distance *¹
Main signal wires: Extensible up to 200m (400m when a booster is used)
Connection method
T-branch multi-drop wiring or multi-drop wiring
Number of I/O points
128 points max. (adjustable in encrements of 32 I/O points)
*1 For boosters, see the S-Link catalog and manual issued by SUNX Limited.
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com