Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPG-COM2 Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # FPG-COM2
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM2 Datasheet(HTML) 7 Page - Panasonic Semiconductor

Back Button FPG-COM2 Datasheet HTML 3Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 4Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 5Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 6Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 7Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 8Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 9Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 10Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 11Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
RS232C
RS232C
FP
S
GT
touch terminal
Image
processing device
RS485
Link
station
Link
station
Link
station
Link
station
1-channel RS232C type FPG-COM1
2-channel RS232C type FPG-COM2
1-channel RS485 type FPG-COM3
1-channel RS232C + 1-channel RS485 type FPG-COM4
7
FP
S (Sigma)
Optimized communication function
Masterless communication using the FP
S (Sigma)
Four types of communication
cassettes enable:
Efficient connection to serial

devices.
Transmission speeds of up to

115.2kbits/s.
Long transmission distance of

up to 1200m.
In addition, the green screw

terminal is removable for easy
wiring.
With the RS232C type communications cassette:
Efficient connection with other control devices helps to save space!
Enables connection to devices with RS232C interface, such as a programmable

display panel, image processing device and other devices.
When used as a tool port, up to 3 external devices can be connected.

A 2-channel type communication cassette is used.

With the RS485 type communication cassette:
More links than you imagined a compact PLC could achieve
(2048 link relays / 256-word link data registers)
Can be used to share product type data between different machines.

Can be used for interlocking between different machines.

Easy wiring between PLCs with twin-core cabling.

Even if a station goes into a power-off state, communications between

the other stations continue. The failed station can be integrated quickly
and smoothly into the network in the event of recurrence.
Connection to external devices using RS485 interface
Enables connection to external devices, such as temperature controllers

or Eco Power Meter, that are equipped with RS485 interface.
Transmission speed: Max. 115.2kbits/s.

Transmission distance: Max. 1200m.

Control is possible using commercially available RS485 devices.

Eco Power Meter
KW4M
Temperature controller,
KT4H
RS485
RS232C
RS232C
GT Touch Terminals
Link data register
Product type data
Inspection machine
Link data register
Product type data
Assembly machine
Link data register
Product type data
Process machine
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com