Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPG-COM2 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # FPG-COM2
Description  Programmable Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-COM2 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button FPG-COM2 Datasheet HTML 6Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 7Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 8Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 9Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 10Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 11Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 12Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 13Page - Panasonic Semiconductor FPG-COM2 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Features
Fast startup of 0.02 or 0.005ms makes cycle time reduction possible.

Feedback pulse count function makes output pulse counting from external encoders possible.

JOG positioning control supports a wide range of applications.

4 types of S-curve acceleration/deceleration control makes smooth startup and stopping possible:

Sine curve, quadratic curve, cycloid curve and cubic curve.
FP
S (Sigma) positioning expansion units
Precise positioning
Unit type and product number
Type
Output type
Part number
1-axis type
Transistor output type
FPG-PP11
2-axis type
Transistor output type
FPG-PP21
1-axis type
Line driver output type
FPG-PP12
2-axis type
Line driver output type
FPG-PP22
 The FPS (Sigma) positioning unit can handle simultaneous startup of multiple axes, enabling simultaneous control of linear
interpolation and other elements through user programs.
 Transistor output type (open collector) and line driver output type are available.
FPG-PP11
FPG-PP12
FPG-PP21
FPG-PP22
09/2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com