Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC001CFLKA Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Datasheet(HTML) 3 Page - Advanced Micro Devices

  AMC001CFLKA Datasheet HTML 1Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
5/4/98
AmC0XXCFLKA
3
PC CARD PIN ASSIGNMENTS
Notes:
I = Input to card, O = Output from card
I/O = Bidirectional
NC = No connect
In systems which switch VCC individually to cards, no signal should be directly connected between cards other than ground.
1. VPP not required for Programming or Reading operations.
2. BVD = Internally pulled-up.
3. Signal must not be connected between cards.
4. Highest address bit for 1 Mbyte card.
5. Highest address bit for 2 Mbyte card.
6. Highest address bit for 4 Mbyte card.
7. Highest address bit for 10 Mbyte card.
Pin#
3
3
Function
Pin#
Signal
I/O
Function
1
GND
Ground
35
GND
Ground
2
D3
I/O
Data Bit 3
36
CD1
O
Card Detect 1 (Note 3)
3
D4
I/O
Data Bit 4
37
D11
I/O
Data Bit 11
4
D5
I/O
Data Bit 5
38
D12
I/O
Data Bit 12
5
D6
I/O
Data Bit 6
39
D13
I/O
Data Bit 13
6
D7
I/O
Data Bit 7
40
D14
I/O
Data Bit 14
7CE1
I
Card Enable 1 (Note 3)
41
D15
I/O
Data Bit 15
8
A10
I
Address Bit 10
42
CE2
I
Card Enable 2 (Note 3)
9OE
I
Output Enable
43
NC
No Connect
10
A11
I
Address Bit 11
44
NC
No Connect
11
A9
I
Address Bit 9
45
NC
No Connect
12
A8
I
Address Bit 8
46
A17
I
Address Bit 17
13
A13
I
Address Bit 13
47
A18
I
Address Bit 18
14
A14
I
Address Bit 14
48
A19
I
Address Bit 19 (Note 4)
15
WE
I
Write Enable
49
A20
I
Address Bit 20 (Note 5)
16
NC
No Connect
50
A21
I
Address Bit 21 (Note 6)
17
VCC1
Power Supply
51
VCC2
Power Supply
18
NC
No Connect (Note 1)
52
NC
No Connect (Note 1)
19
A16
I
Address Bit 16
53
A22
I
Address Bit 22
20
A15
I
Address Bit 15
54
A23
I
Address Bit 23 (Note 7)
21
A12
I
Address Bit 12
55
NC
No Connect
22
A7
I
Address Bit 7
56
NC
No Connect
23
A6
I
Address Bit 6
57
NC
No Connect
24
A5
I
Address Bit 5
58
NC
No Connect
25
A4
I
Address Bit 4
59
NC
No Connect
26
A3
I
Address Bit 3
60
NC
No Connect
27
A2
I
Address Bit 2
61
REG
I
Register Select
28
A1
I
Address Bit 1
62
BVD2
O
Battery Voltage Detect 2 (Note 2)
29
A0
I
Address Bit 0
63
BVD1
O
Battery Voltage Detect 1 (Note 2)
30
D0
I/O
Data Bit 0
64
D8
I/O
Data Bit 8
31
D1
I/O
Data Bit 1
65
D9
I/O
Data Bit 9
32
D2
I/O
Data Bit 2
66
D10
I/O
Data Bit 10
33
WP
O
Write Protect (Note 3)
67
CD2
O
Card Detect 2 (Note 3)
34
GND
Ground
68
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com