Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC001CFLKA Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Datasheet(HTML) 4 Page - Advanced Micro Devices

  AMC001CFLKA Datasheet HTML 1Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
4
AmC0XXCFLKA
5/4/98
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of:
SPEED OPTION
-150 ns
OUTPUT CONFIGURATION:
(x16/x8)
FLASH TECHNOLOGY
PC MEMORY CARD
MEMORY CARD DENSITY
001 = One Megabyte
002 = Two Megabyte
004 = Four Megabyte
010 = Ten Megabyte
AMD
REVISION LEVEL
SERIES
AM
C
0XX
C
FL
K
Axxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com