Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC001CFLKA Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Datasheet(HTML) 5 Page - Advanced Micro Devices

  AMC001CFLKA Datasheet HTML 1Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5/4/98
AmC0XXCFLKA
5
PIN DESCRIPTION
A0–A23
Address Inputs
These inputs are internally latched during write cycles.
BVD1, BVD2
Battery Voltage Detect
Internally pulled-up.
CD1, CD2
Card Detect
When card detect 1 and 2 = ground the system detects
the card.
CE1, CE2
Card Enable
This input is active low. The memory card is deselected
and power consumption is reduced to standby levels
when CE is high. CE activates the internal memory
card circuitry that controls the high and low byte control
logic of the card, input buffers segment decoders, and
associated memory devices.
D0–D15
Data Input/Output
Data inputs are internally latched on write cycles. Data
outputs during read cycles. Data pins are active high.
When the memory card is deselected or the outputs
are disabled the outputs float to tristate.
GND
Ground
NC
No Connect
Corresponding pin is not connected internally to the die.
OE
Output Enable
This input is active low and enables the data buffers
through the card outputs during read cycles.
REG
Attribute Memory Select
This input is active low and enables reading the CIS
from the EEPROM.
VCC
PC Card Power Supply
For device operation (5.0 V
± 5%).
WE
Write Enable
This input is active low and controls the write function
of the command register to the memory array. The
target address is latched on the falling edge of the WE
pulse and the appropriate data is latched on the rising
edge of the pulse.
WP
Write Protect
This output is active high and disables all card write
operations.
MEMORY CARD OPERATIONS
The “C” series Flash Memory Card is organized as an
array of individual devices. Each device is 512K bytes
in size with eight 64K byte sectors. Although the ad-
dress space is continuous each physical device defines
a logical address segment size.
Byte-wide erase operations could be performed in
four ways:
s In increments of the segment size
s In increments of the sectors in individual segments
s All eight sectors in parallel within individual
segments
s Selected sectors of the eight sectors in parallel
within individual segments
Multiple segments may be erased concurrently when
additional ICC current is supplied to the device. Once a
memory sector or memory segment is erased any ad-
dress location may be programmed. Flash technology
allows any logical “1” data bit to be programmed to a
logical “0”. The only way to reset bits to a logical “1” is
to erase the entire memory sector of 64K bytes or
memory segment of 512K bytes.
Erase operations are the only operations that work on
entire memory sectors or memory segments. All other
operations such as word-wide programming are not af-
fected by the physical memory segments.
The common memory space data contents are altered
in a similar manner as writing to individual Flash mem-
ory devices. On-card address and data buffers activate
the appropriate Flash device in the memory array. Each
device internally latches address and data during write
cycles. Refer to Table 1.
Attribute memory is a separately accessed card mem-
ory space. The register memory space is active when
the REG pin is driven low. The Card Information Struc-
ture (CIS) describes the capabilities and specification
of a card. The CIS is stored in the attribute memory
space beginning at address 00000H. The “C” series
cards contain a separate 512 byte EEPROM memory
for the Card Information Structure. D0–D7 are active
during attribute memory accesses. D8–D15 should be
ignored. Odd order bytes present invalid data. Refer to
Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com