Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC001CFLKA Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AMC001CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC001CFLKA Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AMC001CFLKA Datasheet HTML 10Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 11Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 12Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 13Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 14Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 15Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 16Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 17Page - Advanced Micro Devices AMC001CFLKA Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
14
AmC0XXCFLKA
5/4/98
completion of the Embedded Program algorithm an at-
tempt to read the device will produce valid data on D7.
The Data Polling feature is valid after the rising edge of
the fourth WE pulse of the four write pulse sequence.
While the Embedded Erase algorithm is in operation,
D7 will read “0” until the erase operation is completed.
Upon completion of the erase operation, the data on D7
will read “1”.
The Data Polling feature is only active during the Em-
bedded Programming or Erase algorithms. Please note
that the AmC0XXCFLKA data pin (D7) may change
asynchronously while Output Enable (OE) is asserted
low. This means that the device is driving status infor-
mation on D7 at one instant of time and then the byte’s
valid data at the next instant of time. Depending on
when the system samples the D7 output, it may read ei-
ther the status or valid data. Even if the device has
completed the Embedded operation and D7 has a valid
data, the data outputs on D0–D6 may be still invalid
since the switching time for data bits (D0–D7) will not
be the same. This happens since the internal delay
paths for data bits (D0–D7) within the device are differ-
ent. The valid data will be provided only after a certain
time delay (<tOE). Please refer to Figure 4a for detailed
timing diagrams.
See Figures 3 and 5 for the Data Polling timing
specifications and diagrams.
Toggle Bit—D6 (D14 on Odd Byte)
The Flash Memory PC Card also features a “Toggle Bit”
as a method to indicate to the host system that the Em-
bedded algorithms are either in progress or have been
completed.
While the Embedded Program or Erase algorithm is in
progress, successive attempts to read data from the
device will result in D6 toggling between one and zero.
Once the Embedded Program or Erase algorithm is
completed, D6 will stop toggling and valid data on
D0–D7 will be read on the next successive read at-
tempt. The Toggle bit is also used for entering Erase
Suspend mode. Please refer to the section entitled
“Sector Erase Suspend.”
Please note that even if the device completes the Em-
bedded algorithm operation and D6 stops toggling,
data bits D0–D7 (including D6) may not be valid during
the current bus cycle. This may happen since the inter-
nal circuitry may be switching from status mode to the
Read mode. There is a time delay associated with this
mode switching. Since this time delay is always less
than tOE (OE access time), the next successive read at-
tempt (OE going low) will provide the valid data on D0-
D7. Also note that once the D6 bit has stopped toggling
and the output enable OE is held low thereafter (with-
out toggling) the data bits (D0–D7) will be valid after
tOEtime delay.
See Figures 4 and 6 for the Data Polling diagram and
timing specifications.
18723C-3
Figure 2.
Embedded Programming Algorithm in Byte-Wide Mode
Write Embedded Write Command
Sequence per Table 3 or 4
Verify Byte
No
Yes
Data Poll Device
Yes
Increment Address
No
Start
Completed
Last
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com