Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLA02 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GLA02
Description  1.34dbi 1575Hz GPS Loop Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLA02 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GLA02 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SPE-12-8-042/A/SS
Page 11 of 11
VII. Packing
(1) Quantity/Reel: 2000pcs/Reel
(2) Plastic Tape
7.2 Pocket Dimensions (unit: mm)
Feature
Specifications Tolerances
Ao
3.4
±0.10
Bo
10.30
±0.10
Ko
4.25
±0.10
t
0.35
±0.05
7.1 Tape Dimensions (unit: mm)
Feature
Specifications Tolerances
W
24
±0.30
P
8
±0.10
E
1.75
±0.10
F
11.50
±0.10
P2
2
±0.10
D
1.50
±0.10
Po
4
±0.10
10Po
40
±0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com