Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLA02 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GLA02
Description  1.34dbi 1575Hz GPS Loop Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLA02 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GLA02 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-12-8-042/A/SS
Page 2 of 11
I.Introduction
Taoglas have developed a unique ceramic miniature loop antenna series for GPS
applications. At 10*3.2*3.9mm, the GLA.02 GPS 1575MHz Loop antenna is a
miniature edge mounted antenna, designed for small space requirements. The
radiation pattern is more omni-directional than traditional patch antennas. The GLA
loop antenna series show at least three times the efficiency of traditional linear
polarized 1575 MHz antennas. Efficiencies of 40% to 90% are achievable. Peak gain of
1dBi places this antenna gain performance within the range of a much larger 15mm to
18mm patch antenna.
Mechanically, this antenna does not need ground removed on the back-side of the PCB
thus allowing other components to be placed there on crowded boards. Based on the
loop effect this antenna works best when placed on the centre of the edge of the board,
but can still work better than traditional linear polarized chip antennas even when
placed at corners as substitute.
The GLA.02 is delivered on tape and reel and now allows M2M customers to use an
omni-directional antenna in devices where orientation of the product is unknown.
Applications
*navigation or position tracking systems
*Hand-held devices when GPS function is needed, e.g., Smart phone. PDA, PND



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com