Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLA02 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GLA02
Description  1.34dbi 1575Hz GPS Loop Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLA02 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GLA02 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SPE-12-8-042/A/SS
Page 3 of 11
II.
Key Performance Indicators
The antenna performance was measured with the GLA.02 mounted on an evaluation board
(80*40mm ground plane) with SMA(F) connector.
No
Parameter
Specification
1
Center Frequency
1575.422MHz
2
Dimensions
10*3.2*3.9mm
3
VSWR
2 max (depends on the special environment)
4
Polarization
Linear
5
Bandwidth
20MHz Min.(under -10dB return Loss)
6
Gain
Peak 1.34dBi typ.
Average -3.78dBi typ.
7
Efficiency
40-90%
8
Impedance
50 
9
Operating Temperature
-40°C+85°C
10
Temperature Coefficient
τf)
0  20 ppm @-20ºC to +80ºC
* Center frequency will be offset to working frequency according to the conditions of user’s
Ground plane and radome.
**The data was measured by A Test Lab Techno Corp. (CTIA Authorized Test Lab).



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com