Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLA02 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GLA02
Description  1.34dbi 1575Hz GPS Loop Antenna
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLA02 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GLA02 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLA02 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SPE-12-8-042/A/SS
Page 9 of 11
VI. Layout Guide
VI.1 Solder Land pattern
Land pattern for soldering (grey marked areas) is as shown below. Depending on Customers
requirement, matching circuit as shown below is also recommended. The footprint is
11*5.7mm, this antenna does not need ground removed on the back-side of the PCB thus
allowing other components to be placed there on crowded boards.
VI.2 Matching Circuit
The most common matching arrangement is the pi matching as shown below. We
have 2.2pF capacitor for Component 3 and 0Ohm resister for Component 2 on EVB.
5.1 3D Gain Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com