Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q80BWSVIP Datasheet(PDF) 60 Page - Winbond

Part # W25Q80BWSVIP
Description  1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BWSVIP Datasheet(HTML) 60 Page - Winbond

Back Button W25Q80BWSVIP Datasheet HTML 56Page - Winbond W25Q80BWSVIP Datasheet HTML 57Page - Winbond W25Q80BWSVIP Datasheet HTML 58Page - Winbond W25Q80BWSVIP Datasheet HTML 59Page - Winbond W25Q80BWSVIP Datasheet HTML 60Page - Winbond W25Q80BWSVIP Datasheet HTML 61Page - Winbond W25Q80BWSVIP Datasheet HTML 62Page - Winbond W25Q80BWSVIP Datasheet HTML 63Page - Winbond W25Q80BWSVIP Datasheet HTML 64Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
W25Q80BW
- 60 -
8.4
DC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
SPEC
UNIT
MIN
TYP
MAX
Input Capacitance
CIN(1)
VIN = 0V(1)
6
pF
Output Capacitance
Cout(1)
VOUT = 0V(1)
8
pF
Input Leakage
ILI
±2
µA
I/O Leakage
ILO
±2
µA
Standby Current
ICC1
/CS = VCC,
VIN = GND or VCC
20
30
µA
Power-down Current
ICC2
/CS = VCC,
VIN = GND or VCC
7
20
µA
Current Read Data /
Dual /Quad 1MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
4/5/6
6/7.5/9
mA
Current Read Data /
Dual /Quad 33MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
6/7/8
9/10.5/12
mA
Current Read Data /
Dual /Quad 50MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
7/8/9
10/12/13.5
mA
Current Read Data /
Dual Output Read/Quad
Output Read 80MHz(2)
ICC3
C = 0.1 VCC / 0.9 VCC
DO = Open
10/11/12
15/16.5/18
mA
Current Write Status
Register
ICC4
/CS = VCC
8
20
mA
Current Page Program
ICC5
/CS = VCC
20
25
mA
Current Sector/Block
Erase
ICC6
/CS = VCC
20
25
mA
Current Chip Erase
ICC7
/CS = VCC
20
25
mA
Input Low Voltage
VIL
VCC x 0.3
V
Input High Voltage
VIH
VCC x 0.7
V
Output Low Voltage
VOL
IOL = 100 µA
0.2
V
Output High Voltage
VOH
IOH =
–100 µA
VCC
– 0.2
V
Notes:
1. Tested on sample basis and specified through design and characterization data. TA = 25° C, VCC = 1.8V.
2. Checker Board Pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com