Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q80BWSVIP Datasheet(PDF) 74 Page - Winbond

Part # W25Q80BWSVIP
Description  1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BWSVIP Datasheet(HTML) 74 Page - Winbond

Back Button W25Q80BWSVIP Datasheet HTML 66Page - Winbond W25Q80BWSVIP Datasheet HTML 67Page - Winbond W25Q80BWSVIP Datasheet HTML 68Page - Winbond W25Q80BWSVIP Datasheet HTML 69Page - Winbond W25Q80BWSVIP Datasheet HTML 70Page - Winbond W25Q80BWSVIP Datasheet HTML 71Page - Winbond W25Q80BWSVIP Datasheet HTML 72Page - Winbond W25Q80BWSVIP Datasheet HTML 73Page - Winbond W25Q80BWSVIP Datasheet HTML 74Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 74 / 74 page
background image
W25Q80BW
- 74 -
11. REVISION HISTORY
VERSION
DATE
PAGE
DESCRIPTION
A
01/26/11
All
New Create Preliminary
B
06/21/11
7, 70-72
58, 60, 62
65-69
Added dBGA (WLCSP) package type
Updated ICC1/2/4, fR for Continuous Read Mode
Updated package dimension drawings
C
07/15/11
64
21-57
Added /WP timing diagram
Updated all instruction diagrams (non-technical)
D
11/16/11
5-7, 69-71
Removed USON package
Updated package name to WLBGA
E
04/23/12
6, 66, 68, 72-73
Added VSOP package types
F
06/21/12
72-73
Added L order option
G
08/24/12
71-73
Added WLBGA with backside coating order option
H
10/15/12
All
66
71
Removed preliminary designator
Updated VSOP package dimensions
Updated WLBGA package dimensions
I
11/19/12
45, 46
Removed Suspend/Resume description, added
note
J
07/30/13
59
60
Modified the typo of Vcc range
Added Power-up, Power-Down Requirement
Trademarks
Winbond and SpiFlash are trademarks of Winbond Electronics Corporation.
All other marks are the property of their respective owner.
Important Notice
Winbond products are not designed, intended, authorized or warranted for use as components in systems
or equipment intended for surgical implantation, atomic energy control instruments, airplane or spaceship
instruments, transportation instruments, traffic signal instruments, combustion control instruments, or for
other applications intended to support or sustain life. Furthermore, Winbond products are not intended for
applications wherein failure of Winbond products could result or lead to a situation wherein personal
injury, death or severe property or environmental damage could occur. Winbond customers using or
selling these products for use in such applications do so at their own risk and agree to fully indemnify
Winbond for any damages resulting from such improper use or sales.
Information in this document is provided solely in connection with Winbond products. Winbond
reserves the right to make changes, corrections, modifications or improvements to this document
and the products and services described herein at any time, without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com