Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q80BWSVIP Datasheet(PDF) 71 Page - Winbond

Part # W25Q80BWSVIP
Description  1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BWSVIP Datasheet(HTML) 71 Page - Winbond

Back Button W25Q80BWSVIP Datasheet HTML 66Page - Winbond W25Q80BWSVIP Datasheet HTML 67Page - Winbond W25Q80BWSVIP Datasheet HTML 68Page - Winbond W25Q80BWSVIP Datasheet HTML 69Page - Winbond W25Q80BWSVIP Datasheet HTML 70Page - Winbond W25Q80BWSVIP Datasheet HTML 71Page - Winbond W25Q80BWSVIP Datasheet HTML 72Page - Winbond W25Q80BWSVIP Datasheet HTML 73Page - Winbond W25Q80BWSVIP Datasheet HTML 74Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
W25Q80BW
Publication Release Date: July 30, 2013
- 71 -
Revision J
9.6
8-Ball WLBGA (Package Code BY)
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
W25Q80BWBYIG
0.431
0.472
0.512
0.017
0.019
0.020
A
W25Q80BWBYIC
0.471
0.512
0.556
0.019
0.020
0.022
A1
0.152
0.167
0.182
0.006
0.007
0.007
c
W25Q80BWBYIG
0.279
0.305
0.330
0.011
0.012
0.013
c
W25Q80BWBYIC
0.319
0.345
0.374
0.013
0.014
0.015
D
1.356
1.411
1.436
0.053
0.056
0.057
E
2.316
2.371
2.396
0.091
0.093
0.094
D1
---
0.5000
---
---
0.0197
---
D2
---
0.4555
---
---
0.0179
---
D3
---
0.4555
---
---
0.0179
---
E1
---
1.5000
---
---
0.0591
---
E2
---
0.4355
---
---
0.0171
---
E3
---
0.4355
---
---
0.0171
---
b
0.240
0.300
0.360
0.009
0.012
0.014
aaa
0.10
0.004
bbb
0.10
0.004
ccc
0.03
0.001
ddd
0.15
0.006
eee
0.05
0.002
Note: Dimension b is measured at the maximum solder bump diameter, parallel to primary datum c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com