Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W25Q80BWSVIP Datasheet(PDF) 15 Page - Winbond

Part # W25Q80BWSVIP
Description  1.8V 8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q80BWSVIP Datasheet(HTML) 15 Page - Winbond

Back Button W25Q80BWSVIP Datasheet HTML 11Page - Winbond W25Q80BWSVIP Datasheet HTML 12Page - Winbond W25Q80BWSVIP Datasheet HTML 13Page - Winbond W25Q80BWSVIP Datasheet HTML 14Page - Winbond W25Q80BWSVIP Datasheet HTML 15Page - Winbond W25Q80BWSVIP Datasheet HTML 16Page - Winbond W25Q80BWSVIP Datasheet HTML 17Page - Winbond W25Q80BWSVIP Datasheet HTML 18Page - Winbond W25Q80BWSVIP Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
W25Q80BW
Publication Release Date: July 30, 2013
- 15 -
Revision J
7.1.11
Status Register Memory Protection (CMP = 0)
STATUS REGISTER
(1)
W25Q80BW (8M-BIT) MEMORY PROTECTION
(2)
SEC
TB
BP2
BP1
BP0
BLOCK(S)
ADDRESSES
DENSITY
PORTION
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
15
0F0000h
– 0FFFFFh
64KB
Upper 1/16
0
0
0
1
0
14 and 15
0E0000h
– 0FFFFFh
128KB
Upper 1/8
0
0
0
1
1
12 thru 15
0C0000h
– 0FFFFFh
256KB
Upper 1/4
0
0
1
0
0
8 thru 15
080000h
– 0FFFFFh
512KB
Upper 1/2
0
1
0
0
1
0
000000h
– 00FFFFh
64KB
Lower 1/16
0
1
0
1
0
0 and 1
000000h
– 01FFFFh
128KB
Lower 1/8
0
1
0
1
1
0 thru 3
000000h
– 03FFFFh
256KB
Lower 1/4
0
1
1
0
0
0 thru 7
000000h
– 07FFFFh
512KB
Lower 1/2
0
X
1
0
1
0 thru 15
000000h
– 0FFFFFh
1MB
ALL
0
X
1
1
X
0 thru 15
000000h
– 0FFFFFh
1MB
ALL
1
0
0
0
1
15
0FF000h
– 0FFFFFh
4KB
Upper 1/256
1
0
0
1
0
15
0FE000h
– 0FFFFFh
8KB
Upper 1/128
1
0
0
1
1
15
0FC000h
– 0FFFFFh
16KB
Upper 1/64
1
0
1
0
X
15
0F8000h
– 0FFFFFh
32KB
Upper 1/32
1
1
0
0
1
0
000000h
– 000FFFh
4KB
Lower 1/256
1
1
0
1
0
0
000000h
– 001FFFh
8KB
Lower 1/128
1
1
0
1
1
0
000000h
– 003FFFh
16KB
Lower 1/64
1
1
1
0
X
0
000000h
– 007FFFh
32KB
Lower 1/32
1
X
1
1
1
0 thru 15
000000h
– 0FFFFFh
1MB
ALL
Notes:
1. X
= don’t care
2. If any Erase or Program command specifies a memory region that contains protected data portion, this
command will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com