Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986A Datasheet(PDF) 13 Page - STMicroelectronics

Part # A7986A
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button A7986A Datasheet HTML 9Page - STMicroelectronics A7986A Datasheet HTML 10Page - STMicroelectronics A7986A Datasheet HTML 11Page - STMicroelectronics A7986A Datasheet HTML 12Page - STMicroelectronics A7986A Datasheet HTML 13Page - STMicroelectronics A7986A Datasheet HTML 14Page - STMicroelectronics A7986A Datasheet HTML 15Page - STMicroelectronics A7986A Datasheet HTML 16Page - STMicroelectronics A7986A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID022801 Rev 5
13/42
A7986A
Functional description
This kind of overcurrent protection is effective if the output current is limited. To prevent the
current from diverging, the current ripple in the inductor during the on-time must not be
higher than the current ripple during the off-time. That is:
Equation 3
If the output voltage is shorted, VOUT ≅ 0, IOUT = ILIM, D/FSW = TON_MIN, (1-D)/FSW ≅ 1/FSW.
So, from the above equation, the maximum switching frequency that guarantees to limit the
current results:
Equation 4
With RDS(on) = 300 mΩ, DRC = 0.08 Ω, the worst condition is with VIN = 38 V, ILIM = 3.7 A;
the maximum frequency to keep the output current limited during the short-circuit results
88 kHz.
Based on the pulse-by-pulse mechanism, that reduces the switching frequency down to one
eighth, the maximum FSW, adjusted by the FSW pin, which assures that a full effective
output current limitation is 88 kHz*8 = 706 kHz.
If, with VIN= 38 V, the switching frequency is set higher than 706 kHz, during short-circuit
condition the system finds a different equilibrium with higher current. For example, with
FSW = 800 kHz and the output shorted to ground, the output current is limited around:
Equation 5
where FSW* is 800 kHz divided by eight.
V
IN
V
OUT
R
DSON
I
OUT
DCR I
OUT
LF
SW
------------------------------------------------------------------------------------------------------------ D
V
OUT
V
F
R
DSON
I
OUT
DCR I
OUT
++
+
LF
SW
-----------------------------------------------------------------------------------------------------------
1D
()
=
F
SW
*
V
F
DCR I
+
LIM
()
V
IN
R
DSON
DCR
+
() I
LIM
()
-------------------------------------------------------------------------------
1
T
ON_MIN
----------------------
=
I
OUT
V
IN
F
SW
*
V
F TON_MIN
DRC T
ON_MIN
()
R
DSON
DCR
+
() F
SW
*
+
----------------------------------------------------------------------------------------------------------------
4.2A
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com