Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986A Datasheet(PDF) 35 Page - STMicroelectronics

Part # A7986A
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986A Datasheet(HTML) 35 Page - STMicroelectronics

Back Button A7986A Datasheet HTML 31Page - STMicroelectronics A7986A Datasheet HTML 32Page - STMicroelectronics A7986A Datasheet HTML 33Page - STMicroelectronics A7986A Datasheet HTML 34Page - STMicroelectronics A7986A Datasheet HTML 35Page - STMicroelectronics A7986A Datasheet HTML 36Page - STMicroelectronics A7986A Datasheet HTML 37Page - STMicroelectronics A7986A Datasheet HTML 38Page - STMicroelectronics A7986A Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
DocID022801 Rev 5
35/42
A7986A
Application ideas
Equation 40
where ISW is the average current in the embedded power MOSFET in the ON time.
To chose the right value of the inductor and to manage transient output current, which for a
short time can exceed the maximum output current calculated by Equation 40, also the peak
current in the power MOSFET must be calculated. The peak current, shown in Equation 41,
must be lower than the minimum current limit (3.7 A).
Equation 41
where r is defined as the ratio between the inductor current ripple and the inductor DC
current:
So, in the buck-boost topology the maximum output current depends on the application
conditions (firstly input and output voltage, secondly switching frequency and inductor
value).
In Figure 35, the maximum output current for the above configuration is depicted varying the
input voltage from 4.5 V to 38 V.
The dashed line considers a more accurate estimation of the duty cycles given by Equation
42, where power losses across diodes, external power MOSFET, and internal power
MOSFET are taken into account.
Figure 35. Maximum output current according to max. DC switch current (3.0 A):
VO=12 V
I
SW
I
OUT
1D
–
-------------
2 A
<
=
I
SW ,PK
I
OUT
1D
–
-------------
1
r
2
---
+
3.7A
<
⋅
=
r
V
OUT
I
OUT
LF
SW
⋅⋅
------------------------------------
1D
–
()
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com