Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A7986A Datasheet(PDF) 32 Page - STMicroelectronics

Part # A7986A
Description  3 A step-down switching regulator for automotive applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A7986A Datasheet(HTML) 32 Page - STMicroelectronics

Back Button A7986A Datasheet HTML 28Page - STMicroelectronics A7986A Datasheet HTML 29Page - STMicroelectronics A7986A Datasheet HTML 30Page - STMicroelectronics A7986A Datasheet HTML 31Page - STMicroelectronics A7986A Datasheet HTML 32Page - STMicroelectronics A7986A Datasheet HTML 33Page - STMicroelectronics A7986A Datasheet HTML 34Page - STMicroelectronics A7986A Datasheet HTML 35Page - STMicroelectronics A7986A Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Application information
A7986A
32/42
DocID022801 Rev 5
Figure 22. Junction temperature vs. output
current @ Vin = 24 V
Figure 23. Junction temperature vs. output
current @ Vin = 12 V
VOUT=1.8V
VOUT=3.3V
VOUT=5V
HSOP
VQFN
V
IN=24V
F
SW=250KHz
T
AMB=25 C
VOUT=1.8V
VOUT=3.3V
VOUT=5V
HSOP
VQFN
V
IN=12V
F
SW=250KHz
T
AMB=25 C
Figure 24. Junction temperature vs. output
current @ Vin = 5 V
Figure 25. Efficiency vs. output current @ Vin =
12 V
VOUT=1.2V
VOUT=1.8V
VOUT=3.3V
HSOP
VQFN
V
IN=5V
F
SW=250KHz
T
AMB=25 C
60
65
70
75
80
85
90
95
0.100
0.600
1.100
1.600
2.100
2.600
3.100
Io [A]
Vin=12V
Vin=18V
Vin=24V
Vo=5.0V
FSW=250kHz
Figure 26. Efficiency vs.output current @
Vin =5 V, VO = 3.3 V
Figure 27. Efficiency vs.output current @
Vin =5 V, VO = 1.8 V
50
55
60
65
70
75
80
85
90
95
0.100
0.600
1.100
1.600
2.100
2.600
3.100
Io [A]
Vin=5V
Vin=12V
Vin=24V
Vo=3.3V
FSW=250kHz
40
45
50
55
60
65
70
75
80
85
0.100
0.600
1.100
1.600
2.100
2.600
3.100
Io [A]
Vin=5V
Vin=12V
Vin=24V
Vo=1.8V
FSW=250kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com