Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 95 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 91Page - STMicroelectronics PSD833F2 Datasheet HTML 92Page - STMicroelectronics PSD833F2 Datasheet HTML 93Page - STMicroelectronics PSD833F2 Datasheet HTML 94Page - STMicroelectronics PSD833F2 Datasheet HTML 95Page - STMicroelectronics PSD833F2 Datasheet HTML 96Page - STMicroelectronics PSD833F2 Datasheet HTML 97Page - STMicroelectronics PSD833F2 Datasheet HTML 98Page - STMicroelectronics PSD833F2 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
95/128
(from fitter report)
= 45 PT
% of total product terms
= 45/182 = 24.7%
Turbo mode
= Off
Calculation (using typical values)
ICC total
= Ipwrdown x %pwrdown + %normal x (ICC (ac) + ICC (dc))
= Ipwrdown x %pwrdown + % normal x (%flash x 2.5mA/MHz x Freq ALE
+ %SRAM x 1.5mA/MHz x Freq ALE
+ % PLD x (from graph using Freq PLD))
= 50 µA x 0.90 + 0.1 x (0.8 x 2.5mA/MHz x 4 MHz
+ 0.15 x 1.5mA/MHz x 4 MHz
+ 24mA)
= 45 µA + 0.1 x (8 + 0.9 + 24)
= 45 µA + 0.1 x 32.9
= 45 µA + 3.29mA
= 3.34mA
1.
This is the operating power with no EEPROM WRITE or Flash memory Erase cycles in progress. Calculation is based on
IOUT = 0 mA.
Table 39.
Example of PSD typical power calculation at VCC = 5.0 V (Turbo mode off)
Conditions
Table 40.
Operating conditions (5 V devices)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
4.5
5.5
V
T
A
Ambient operating temperature (industrial)
–40
85
°C
Ambient operating temperature (commercial)
0
70
°C
Table 41.
Operating conditions (3 V devices)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
3.0
3.6
V
T
A
Ambient operating temperature (industrial)
–40
85
°C
Ambient operating temperature (commercial)
0
70
°C
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com