Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 39 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 35Page - STMicroelectronics PSD833F2 Datasheet HTML 36Page - STMicroelectronics PSD833F2 Datasheet HTML 37Page - STMicroelectronics PSD833F2 Datasheet HTML 38Page - STMicroelectronics PSD833F2 Datasheet HTML 39Page - STMicroelectronics PSD833F2 Datasheet HTML 40Page - STMicroelectronics PSD833F2 Datasheet HTML 41Page - STMicroelectronics PSD833F2 Datasheet HTML 42Page - STMicroelectronics PSD833F2 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
PSD8XXFX
Erasing Flash memory
Doc ID 7833 Rev 7
39/128
A Suspend Sector Erase instruction executed during an Erase timeout period, in addition to
suspending the Erase cycle, terminates the time out period.
The Toggle flag bit (DQ6) stops toggling when the PSD internal logic is suspended. The
status of this bit must be monitored at an address within the Flash memory sector being
erased. The Toggle flag bit (DQ6) stops toggling between 0.1µs and 15µs after the Suspend
Sector Erase instruction has been executed. The PSD is then automatically set to READ
mode.
If an Suspend Sector Erase instruction was executed, the following rules apply:
●
Attempting to read from a Flash memory sector that was being erased outputs invalid
data.
●
Reading from a Flash sector that was not being erased is valid.
●
The Flash memory cannot be programmed, and only responds to Resume Sector
Erase and Reset Flash instructions (READ is an operation and is allowed).
●
If a Reset Flash instruction is received, data in the Flash memory sector that was being
erased is invalid.
9.4
Resume Sector Erase
If a Suspend Sector Erase instruction was previously executed, the erase cycle may be
resumed with this instruction. The Resume Sector Erase instruction consists of writing 030h
to any address while an appropriate Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3) is
high. (See Table 10.)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com