Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 47 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 43Page - STMicroelectronics PSD833F2 Datasheet HTML 44Page - STMicroelectronics PSD833F2 Datasheet HTML 45Page - STMicroelectronics PSD833F2 Datasheet HTML 46Page - STMicroelectronics PSD833F2 Datasheet HTML 47Page - STMicroelectronics PSD833F2 Datasheet HTML 48Page - STMicroelectronics PSD833F2 Datasheet HTML 49Page - STMicroelectronics PSD833F2 Datasheet HTML 50Page - STMicroelectronics PSD833F2 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 128 page
background image
PSD8XXFX
PLDS
Doc ID 7833 Rev 7
47/128
14
PLDS
The PLDs bring programmable logic functionality to the PSD. After specifying the logic for
the PLDs using the PSDabel tool in PSDsoft Express, the logic is programmed into the
device and available upon Power-up.
The PSD contains two PLDs: the Decode PLD (DPLD), and the Complex PLD (CPLD). The
PLDs are briefly discussed in the next few paragraphs, and in more detail in Section 14.2:
Decode PLD (DPLD), and Section 14.3: Complex PLD (CPLD). Figure 12 shows the
configuration of the PLDs.
The DPLD performs address decoding for Select signals for internal components, such as
memory, registers, and I/O ports.
The CPLD can be used for logic functions, such as loadable counters and shift registers,
state machines, and encoding and decoding logic. These logic functions can be constructed
using the 16 Output macrocells (OMC), 24 input macrocells (IMC), and the AND Array. The
CPLD can also be used to generate External Chip Select (ECS0-ECS2) signals.
The AND Array is used to form product terms. These product terms are specified using
PSDabel. An input bus consisting of 73 signals is connected to the PLDs. The signals are
shown in Table 15.
14.1
The Turbo Bit in PSD
The PLDs in the PSD can minimize power consumption by switching off when inputs remain
unchanged for an extended time of about 70ns. Resetting the Turbo Bit to '0' (Bit 3 of
PMMR0) automatically places the PLDs into standby if no inputs are changing. Turning the
Turbo mode off increases propagation delays while reducing power consumption. See
Section 17: Power management on how to set the Turbo Bit.
Additionally, five bits are available in PMMR2 to block MCU control signals from entering the
PLDs. This reduces power consumption and can be used only when these MCU control
signals are not used in PLD logic equations.
Each of the two PLDs has unique characteristics suited for its applications. They are
described in the following sections.
Table 15.
DPLD and CPLD inputs
Input source
Input name
Number of
signals
MCU address bus(1)
A15-A0
16
MCU control signals
CNTL2-CNTL0
3
Reset
RST
1
Power-down
PDN
1
Port A input macrocells
PA7-PA0
8
Port B input macrocells
PB7-PB0
8
Port C input macrocells
PC7-PC0
8
Port D inputs
PD2-PD0
3
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com