Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD833F2 Datasheet(PDF) 99 Page - STMicroelectronics

Part # PSD833F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD833F2 Datasheet(HTML) 99 Page - STMicroelectronics

Back Button PSD833F2 Datasheet HTML 95Page - STMicroelectronics PSD833F2 Datasheet HTML 96Page - STMicroelectronics PSD833F2 Datasheet HTML 97Page - STMicroelectronics PSD833F2 Datasheet HTML 98Page - STMicroelectronics PSD833F2 Datasheet HTML 99Page - STMicroelectronics PSD833F2 Datasheet HTML 100Page - STMicroelectronics PSD833F2 Datasheet HTML 101Page - STMicroelectronics PSD833F2 Datasheet HTML 102Page - STMicroelectronics PSD833F2 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 128 page
background image
PSD8XXFX
AC/DC parameters
Doc ID 7833 Rev 7
99/128
Table 47.
DC Characteristics (3 V devices)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIH
High level input voltage
3.0 V < VCC < 3.6 V
0.7VCC
VCC +0.5
V
VIL
Low level input voltage
3.0 V < VCC < 3.6 V
–0.5
0.8
V
VIH1
Reset high level input voltage
(1)
0.8VCC
VCC +0.5
V
VIL1
Reset low level input voltage
(1)
–0.5
0.2VCC –
0.1
V
VHYS
Reset pin hysteresis
0.3
V
VLKO
VCC (min) for Flash Erase and
Program
1.5
2.2
V
VOL
Output low voltage
IOL = 20 µA, VCC = 3.0 V
0.01
0.1
V
IOL = 4 mA, VCC = 3.0 V
0.15
0.45
V
VOH
Output high voltage
IOH = –20 µA, VCC = 3.0 V
2.9
2.99
V
IOH = –1 mA, VCC = 3.0 V
2.7
2.8
V
ISB
Standby supply current
for Power-down mode
CSI >VCC –0.3 V
(2)(3)
25
100
µA
ILI
Input leakage current
VSS < VIN < VCC
–1
±0.1
1
µA
ILO
Output leakage current
0.45 < VIN < VCC
–10
±5
10
µA
ICC
(DC)(4)
Operating
supply current
PLD only
PLD_TURBO = off,
f = 0 MHz(3)
0
µA/PT
PLD_TURBO = on,
f = 0 MHz
200
400
µA/PT
Flash memory
During Flash memory
WRITE/Erase only
10
25
mA
Read only, f = 0 MHz
0
0
mA
SRAM
f = 0 MHz
0
0
mA
ICC
(AC)(4)
PLD AC adder
(5)
Flash memory AC adder
1.5
2.0
mA/MHz
SRAM AC adder
0.8
1.5
mA/MHz
1.
Reset (RESET) has hysteresis. VIL1 is valid at or below 0.2VCC –0.1. VIH1 is valid at or above 0.8VCC.
2.
CSI deselected or internal Power-down mode is active.
3.
PLD is in non-Turbo mode, and none of the inputs are switching.
4.
IOUT = 0 mA
5.
Please see Figure 35 for the PLD current calculation.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com