Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14PHR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 13Page - STMicroelectronics ST1S14PHR Datasheet HTML 14Page - STMicroelectronics ST1S14PHR Datasheet HTML 15Page - STMicroelectronics ST1S14PHR Datasheet HTML 16Page - STMicroelectronics ST1S14PHR Datasheet HTML 17Page - STMicroelectronics ST1S14PHR Datasheet HTML 18Page - STMicroelectronics ST1S14PHR Datasheet HTML 19Page - STMicroelectronics ST1S14PHR Datasheet HTML 20Page - STMicroelectronics ST1S14PHR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
DocID17977 Rev 2
17/46
ST1S14
Closing the loop
6.1
GCO(s) control to output transfer function
The accurate control to output transfer function for a buck peak current mode converter can
be written as:
Equation 2
where R0 represents the load resistance, Ri the equivalent sensing resistor of the current
sense circuitry,
ωp the single pole introduced by the LC filter, and ωz the zero given by the
ESR of the output capacitor.
FH(s) accounts for the sampling effect performed by the PWM comparator on the output of
the error amplifier that introduces a double pole at one half of the switching frequency.
Equation 3
Equation 4
where:
Equation 5
Sn represents the ON time slope of the sensed inductor current, and Se the ON time slope
of the external ramp (VPP peak to peak amplitude) that implements the slope compensation
to avoid sub-harmonic oscillations at duty cycle over 50 %.
The sampling effect contribution FH(s) is:
Equation 6
where:
G
CO s
()
R
0
R
i
-------
1
1
R
0
T
SW
⋅
L
--------------------------
m
C
1D
–
() 0.5
–
⋅
[]
⋅
+
-------------------------------------------------------------------------------------------------
1
s
ω
z
-----
+
⎝⎠
⎛⎞
1
s
ω
p
-----
+
⎝⎠
⎛⎞
---------------------
F
H s
()
⋅⋅
⋅
=
ω
Z
1
ESR
C
OUT
⋅
----------------------------------
=
ω
n
1
R
LOAD
C
OUT
⋅
----------------------------------------
m
C
1D
–
() 0.5
–
⋅
LC
OUT
f
SW
⋅⋅
------------------------------------------------
+
=
m
C
1
S
e
S
n
------
+
=
S
e
V
pp
f
SW
⋅
=
S
n
V
IN
V
OUT
–
L
------------------------------
R
i
⋅
=
⎝
⎜
⎜
⎜
⎜
⎜
⎜
⎛
F
H s
()
1
1
s
ω
n
Q
P
⋅
---------------------
s
2
ω
n
2
-----
++
-------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com