Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14PHR Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 26Page - STMicroelectronics ST1S14PHR Datasheet HTML 27Page - STMicroelectronics ST1S14PHR Datasheet HTML 28Page - STMicroelectronics ST1S14PHR Datasheet HTML 29Page - STMicroelectronics ST1S14PHR Datasheet HTML 30Page - STMicroelectronics ST1S14PHR Datasheet HTML 31Page - STMicroelectronics ST1S14PHR Datasheet HTML 32Page - STMicroelectronics ST1S14PHR Datasheet HTML 33Page - STMicroelectronics ST1S14PHR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Application information
ST1S14
30/46
DocID17977 Rev 2
Figure 16. Minimum VFB for effective pulse-by-pulse protection over VIN
As a consequence of VIN > 12 V the pulse-by-pulse current protection (in the worst case
scenario which is the minimum VOSET) may not be effective to limit the inductor current to
the peak current limitation over the entire FB range 300 mV < VFB < 1.22 V.
In fact, at higher input voltage,
ΔI
L TON may be higher than
ΔI
L TOFF and so the inductor
current could escalate. The system typically meets Equation 31 at a current level higher
than the nominal value thanks to the voltage drop across stray components.
Figure 17. IL diverging triggers hiccup protection (VIN = 48 V)
In most of the application conditions the pulse-by-pulse current limitation is effective in
limiting the inductor current.
Whenever the current escalates, a second level current protection called “hiccup mode” is
enabled. In case the hiccup current level (6.2 A typ.) is triggered the switching activity is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com