Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14PHR Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 19Page - STMicroelectronics ST1S14PHR Datasheet HTML 20Page - STMicroelectronics ST1S14PHR Datasheet HTML 21Page - STMicroelectronics ST1S14PHR Datasheet HTML 22Page - STMicroelectronics ST1S14PHR Datasheet HTML 23Page - STMicroelectronics ST1S14PHR Datasheet HTML 24Page - STMicroelectronics ST1S14PHR Datasheet HTML 25Page - STMicroelectronics ST1S14PHR Datasheet HTML 26Page - STMicroelectronics ST1S14PHR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
DocID17977 Rev 2
23/46
ST1S14
Application information
Ceramic capacitors:
If available for the required value and voltage rating, these capacitors usually have a
higher RMS current rating for a given physical dimension (due to very low ESR).
The drawback is the considerably high cost.
Tantalum capacitors:
Small tantalum capacitors with very low ESR are becoming more available. However,
they can occasionally burn if subjected to very high current during charge.
Therefore, it is suggested to avoid this type of capacitor for the input filter of the device
as they could be stressed by a high surge current when connected to the power supply.
If the selected capacitor is ceramic (so neglecting the ESR contribution), the input voltage
ripple can be calculated as:
Equation 20
7.1.2
Output capacitor
The output capacitor is very important to meet the output voltage ripple requirement.
Using a small inductor value is useful to reduce the size of the choke but it increases the
current ripple. So, to reduce the output voltage ripple, a low ESR capacitor is required.
Nevertheless, the ESR of the output capacitor introduces a zero in the open loop gain,
which helps to increase the phase margin of the system. If the zero goes to a very high
frequency, its effect is negligible.
Ceramic capacitors
Ceramic capacitors and very low ESR capacitors that introduce a zero outside the
designed bandwidth (fZ=1/(2*pi*ESR*COUT, see Section 6: Closing the loop) in general
should be avoided. A leading network across the upper resistor of the voltage divider is
useful to increase the phase margin and compensate the system (see Section 6.3:
Voltage divider). The effectiveness of the leading network increases at high output
voltage because the singularities become more split.
High ESR capacitors
The “high ESR capacitor” definition stands for a capacitor having an ESR value able to
introduce a zero into the designed system bandwidth, which can be, as a general rule,
up to fSW/5 at maximum. Tantalum or electrolytic capacitors belong to this group.
Equation 21
Table 8. List of ceramic capacitors for the ST1S14
Manufacturer
Series
Capacitor value (µ)
Rated voltage (V)
TAIYO YUDEN
UMK325BJ106MM-T
10
50
MURATA
GRM42-2 X7R 475K 50
4.7
50
V
IN PP
I
O
C
IN
f
SW
⋅
--------------------------
1
D
η
----
–
⎝⎠
⎛⎞
D
⋅
D
η
----
1D
–
()
⋅
+
⋅
=
f
Z
1
2
π ESR COUT
⋅⋅
⋅
----------------------------------------------------------
BW
f
SW
5
---------
<<
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com