Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S14PHR Datasheet(PDF) 33 Page - STMicroelectronics

Part # ST1S14PHR
Description  Up to 3 A step-down switching regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S14PHR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button ST1S14PHR Datasheet HTML 29Page - STMicroelectronics ST1S14PHR Datasheet HTML 30Page - STMicroelectronics ST1S14PHR Datasheet HTML 31Page - STMicroelectronics ST1S14PHR Datasheet HTML 32Page - STMicroelectronics ST1S14PHR Datasheet HTML 33Page - STMicroelectronics ST1S14PHR Datasheet HTML 34Page - STMicroelectronics ST1S14PHR Datasheet HTML 35Page - STMicroelectronics ST1S14PHR Datasheet HTML 36Page - STMicroelectronics ST1S14PHR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
DocID17977 Rev 2
33/46
ST1S14
Application information
Figure 20. Short-circuit current VIN = 24 V (IL_PK = IFOLD)
Figure 21 shows the operation of the constant current protection when a short-circuit is
applied at the output at the maximum input voltage. According to Figure 20, the maximum
inductor current escalates over the foldback current limitation.
Figure 21. Short-circuit current VIN = 43 V (IL_PK > IFOLD)
7.4.3
Start up phase in short circuit condition
The start up phase in short circuit condition rapresents a preparatory example to show the
current protection strategy.
Figure 25 shows the first switching pulses at power up when the switch current rises but is
lower than the current protection level, called OCP1. As a consequence the switching
frequency is not reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com