Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACDR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST8024LACDR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACDR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST8024LACDR Datasheet HTML 3Page - STMicroelectronics ST8024LACDR Datasheet HTML 4Page - STMicroelectronics ST8024LACDR Datasheet HTML 5Page - STMicroelectronics ST8024LACDR Datasheet HTML 6Page - STMicroelectronics ST8024LACDR Datasheet HTML 7Page - STMicroelectronics ST8024LACDR Datasheet HTML 8Page - STMicroelectronics ST8024LACDR Datasheet HTML 9Page - STMicroelectronics ST8024LACDR Datasheet HTML 10Page - STMicroelectronics ST8024LACDR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ST8024L
Pin configuration
Doc ID 17709 Rev 5
7/35
3
Pin configuration
Figure 2.
Pin connections
Table 2.
Pin description
Symbol
Name and function
SO-28/
TSSOP-28
TSSOP-20
CLKDIV1
Control of CLK frequency
(internal 11 k
Ω pull-up resistor connected to VDD)
1N. A.
CLKDIV2
Control of CLK frequency
(internal 11 k
Ω pull-down resistor connected to GND)
2N. A.
5V/3V
5 V or 3 V VCC selection for communication with the smartcard. Logic high
selects 5 V operation and logic low selects 3 V operation (for ST8024LACDR,
ST8024LACTR, and ST8024LTR: if the 1.8V pin is logic high, the 5V/3V pin is
a “don't care”). See Table 23 for a description of the VCC selection settings.
31
PGND
Power ground for step-up converter
4
2
C1+
External capacitor step-up converter
5
3
VDDP
Power supply for step-up converter
6
4
C1–
External capacitor step-up converter
7
5
VUP
Output of step-up converter
8
6
PRES
Card presence input (active low) - bonding option
9
N. A.
PRES
Card presence input (active high)
10
7
I/O
Data line to and from card (C7)
(internal 11 k
Ω pull-up resistor connected to VCC)
11
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com