Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACDR Datasheet(PDF) 23 Page - STMicroelectronics

Part # ST8024LACDR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACDR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button ST8024LACDR Datasheet HTML 19Page - STMicroelectronics ST8024LACDR Datasheet HTML 20Page - STMicroelectronics ST8024LACDR Datasheet HTML 21Page - STMicroelectronics ST8024LACDR Datasheet HTML 22Page - STMicroelectronics ST8024LACDR Datasheet HTML 23Page - STMicroelectronics ST8024LACDR Datasheet HTML 24Page - STMicroelectronics ST8024LACDR Datasheet HTML 25Page - STMicroelectronics ST8024LACDR Datasheet HTML 26Page - STMicroelectronics ST8024LACDR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
ST8024L
Functional description
Doc ID 17709 Rev 5
23/35
Figure 6.
Activation sequence at t3
6.7
Active mode
When the activation sequence is completed, the ST8024L is in its active mode. Data are
exchanged between the card and the microcontroller via the I/O lines.
The ST8024L is designed for cards without VPP (the voltage required to program or erase
the internal non-volatile memory).
6.8
Deactivation sequence
When a session is completed, the microcontroller sets the CMDVCC line HIGH. The circuit
then executes an automatic deactivation sequence by counting the sequencer back and
finishing in the inactive mode (see Figure 7):
1.
RST goes low (t10).
2.
CLK is held low (t12 = t10 + 0.5 x T) where T is 64 times the period of the internal
oscillator (approximately 25 µs).
3.
I/O, AUX1, and AUX2 are pulled low (t13 = t10 + T).
4.
VCC starts to fall towards zero (t14 = t10 + 1.5 x T).
5.
The deactivation sequence is complete at tDE, when VCC reaches its inactive state.
6.
All card contacts become low impedance to GND; I/OUC, AUX1UC, and AUX2UC
remain at VDD (pulled-up via an 11 kΩ resistor).
7.
The internal oscillator returns to its lower frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com