Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACDR Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST8024LACDR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACDR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST8024LACDR Datasheet HTML 11Page - STMicroelectronics ST8024LACDR Datasheet HTML 12Page - STMicroelectronics ST8024LACDR Datasheet HTML 13Page - STMicroelectronics ST8024LACDR Datasheet HTML 14Page - STMicroelectronics ST8024LACDR Datasheet HTML 15Page - STMicroelectronics ST8024LACDR Datasheet HTML 16Page - STMicroelectronics ST8024LACDR Datasheet HTML 17Page - STMicroelectronics ST8024LACDR Datasheet HTML 18Page - STMicroelectronics ST8024LACDR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
ST8024L
Electrical characteristics
Doc ID 17709 Rev 5
15/35
Table 15.
Clock output to card reader (pin CLK)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
VO(inactive)
Output voltage in inactive
mode
IO(inactive) = 1 mA
0
-
0.3
V
No load
0
-
0.1
IO(inactive) Output current
CLK inactive mode;
pin grounded
0-
–1
mA
VOL
Low level output voltage
IOL = 200 µA
0
-
0.3
V
IOL = 70 mA (current limit)
VCC -0.4
-
VCC
VOH
High level output voltage
IOH = –200 µA
0.9 VCC
-VCC
V
IOH = –70 mA (current limit)
0
-
0.4
tR, tF
Rise and fall time
CL = 30 pF
(2)
-16
ns
δ
Duty factor (except for fXTAL)CL = 30 pF
(2)
45
-
55
%
SR
Slew rate
Slew up or down; CL = 30 pF
0.2
-
V/ns
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.
2.
Transition time and duty factor definitions are shown in Figure 3; d = t1/(t1+ t2).
Table 16.
Control inputs (pins CLKDIV1, CLKDIV2, CMDVCC, RSTIN, 5V/3V and PORADJ/1.8V)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
–0.3
0.3 VDD
V
VIH
High level input voltage
0.7 VDD
VDD
V
|ILIH|
High level input leakage
current
VIH = VDD
1µA
VIH = VDD, 1.8V and CLKDIV2
pins with internal 11 k
Ω pull-
down resistor
800
µA
|ILIL|
Low level input leakage
current
VIL = 0
-1
µA
VIL = 0, CLKDIV1 pin with
internal 11 k
Ω pull-up resistor
-800
µA
RPD
Internal pull-down resistor to
GND
Pull-down resistor to GND (1.8V
and CLKDIV2 pins)
911
13
k
Ω
RPU
Internal pull-up resistor to
VDD
Pull-up resistor to VDD
(CLKDIV1 pin)
911
13
k
Ω
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.
Pin CMDVCC is active low; pin RSTIN is active high; for CLKDIV1 and CLKDIV2 functions (see Table 21).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com