Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACDR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST8024LACDR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACDR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST8024LACDR Datasheet HTML 4Page - STMicroelectronics ST8024LACDR Datasheet HTML 5Page - STMicroelectronics ST8024LACDR Datasheet HTML 6Page - STMicroelectronics ST8024LACDR Datasheet HTML 7Page - STMicroelectronics ST8024LACDR Datasheet HTML 8Page - STMicroelectronics ST8024LACDR Datasheet HTML 9Page - STMicroelectronics ST8024LACDR Datasheet HTML 10Page - STMicroelectronics ST8024LACDR Datasheet HTML 11Page - STMicroelectronics ST8024LACDR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Pin configuration
ST8024L
8/35
Doc ID 17709 Rev 5
AUX2
Auxiliary line to and from card (C8)
(internal 11 k
Ω pull-up resistor connected to VCC)
12
N. A.
AUX1
Auxiliary line to and from card (C4) (internal 11 k
Ω pull-up resistor to VCC)13
N. A
CGND
Ground for card signal (C5)
14
9
CLK
Clock to card (C3)
15
10
RST
Card reset (C2)
16
11
VCC
Supply voltage for the card (C1)
17
12
PORADJ
Power-on reset threshold adjustment input (ST8024LCDR, ST8024LCTR)
18
N. A.
1.8V
1.8 V VCC operation selection. Logic high selects 1.8 V operation and
overrides any setting on the 5V/3V pin. With an internal 11 k
Ω pull-down
resistor to GND. (ST8024LACDR, ST8024LACTR and ST8024LTR)
13
CMDVCC Start activation sequence input (active low)
19
14
RSTIN
Card reset input from MCU
20
15
VDD
Supply voltage
21
16
GND
Ground
22
17
OFF
Interrupt to MCU (active low)
23
18
XTAL1
Crystal or external clock input
24
19
XTAL2
Crystal connection (leave this pin open if external clock is used)
25
N.A
I/OUC
MCU data I/O line (internal 11 k
Ω pull-up resistor connected to VDD)26
20
AUX1UC
Non-inverting receiver input (internal 11 k
Ω pull-up resistor connected to VDD)27
N. A.
AUX2UC
Non-inverting receiver input (internal 11 k
Ω pull-up resistor connected to VDD)28
N. A.
Table 2.
Pin description (continued)
Symbol
Name and function
SO-28/
TSSOP-28
TSSOP-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com