Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST8024LACTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACTR Datasheet(HTML) 1 Page - STMicroelectronics

  ST8024LACTR Datasheet HTML 1Page - STMicroelectronics ST8024LACTR Datasheet HTML 2Page - STMicroelectronics ST8024LACTR Datasheet HTML 3Page - STMicroelectronics ST8024LACTR Datasheet HTML 4Page - STMicroelectronics ST8024LACTR Datasheet HTML 5Page - STMicroelectronics ST8024LACTR Datasheet HTML 6Page - STMicroelectronics ST8024LACTR Datasheet HTML 7Page - STMicroelectronics ST8024LACTR Datasheet HTML 8Page - STMicroelectronics ST8024LACTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
This is information on a product in full production.
May 2012
Doc ID 17709 Rev 5
1/35
1
ST8024L
Smartcard interface
Datasheet
production data
Features
Designed to be compatible with the NDS
conditional access system (except
ST8024LTR)
ISO 7816, GSM11.11 and EMV 4.2 (payment
systems) compatible
IC card interface
3 V or 5 V supply for the ST8024L device (VDD)
Three specifically protected half-duplex
bi-directional buffered I/O lines to card contacts
C4, C7 and C8
Step-up converter for VCC generation
separately powered by a 5 V ± 20% supply
(VDDP and PGND)
1.8 V ± 6.5%, 3 V or 5 V ± 5% regulated card
supply voltage (VCC) with appropriate
decoupling has the following capabilities:
–ICC < 80 mA at VDDP = 4.75 to 6.5 V
– Handles current spikes of 40 nA up
to 20 MHz
– Controls rise and fall times
– Filtered overload detection at ~120 mA
Thermal and short-circuit protection on all card
contacts
Automatic activation and deactivation
sequences; initiated by software or by
hardware in the event of a short-circuit, card
take-off, overheating, VDD or VDDP dropout
Enhanced ESD protection on card side (>6 kV)
26 MHz integrated crystal oscillator
Built-in debounce on card presence contacts
One multiplexed status signal OFF
Non-inverted control of RST via pin RSTIN
Clock generation for cards up to 20 MHz
(divided by 1, 2, 4 or 8 through CLKDIV1 and
CLKDIV2 signals) with synchronous frequency
changes
Supply supervisor for spike-killing during
power-on and power-off and power-on reset
(threshold fixed internally or externally by
a resistor divider)
Applications
Smartcard readers for set-top boxes
IC card readers for banking
Identification, pay TV
SO-28
TSSOP-28
TSSOP-20
Table 1.
Device summary
Order code
PORADJ/
1.8 V function
Temperature
range
Package
Packaging
Package
top mark
ST8024LCDR(1)
PORADJ
–25 to 85 °C
SO-28 (tape and reel)
1000 parts per reel
ST8024LC
ST8024LCTR(1)
PORADJ
–25 to 85 °C
TSSOP-28 (tape and reel) 2500 parts per reel
ST8024LC
ST8024LACDR(1)
1.8 V
–25 to 85 °C
SO-28 (tape and reel)
1000 parts per reel ST8024LAC
ST8024LTR
1.8 V
–25 to 85 °C
TSSOP-20 (tape and reel) 2500 parts per reel
ST8024L
ST8024LACTR(1)
1.8 V
–25 to 85 °C
TSSOP-28 (tape and reel) 2500 parts per reel ST8024LAC
1.
Certified by NDS.
www.st.com


Similar Part No. - ST8024LACTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
More results

Similar Description - ST8024LACTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
ON Semiconductor
NCN6001_0610 ONSEMI-NCN6001_0610 Datasheet
475Kb / 4P
Smartcard Interface ICs
Rev.1, Oct-2006
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
Smartcard interface
31-Jan-2007
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
Smartcard interface
03-Jun-2008
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
AN2269 STMICROELECTRONICS-AN2269 Datasheet
818Kb / 25P
Using the ST8024 Smartcard Interface
10-Feb-2006
AN2646 STMICROELECTRONICS-AN2646 Datasheet
446Kb / 43P
Smartcard interface with the STM8S microcontroller
19-Aug-2008
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com