Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST8024LACTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST8024LACTR Datasheet HTML 12Page - STMicroelectronics ST8024LACTR Datasheet HTML 13Page - STMicroelectronics ST8024LACTR Datasheet HTML 14Page - STMicroelectronics ST8024LACTR Datasheet HTML 15Page - STMicroelectronics ST8024LACTR Datasheet HTML 16Page - STMicroelectronics ST8024LACTR Datasheet HTML 17Page - STMicroelectronics ST8024LACTR Datasheet HTML 18Page - STMicroelectronics ST8024LACTR Datasheet HTML 19Page - STMicroelectronics ST8024LACTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Electrical characteristics
ST8024L
16/35
Doc ID 17709 Rev 5
Table 17.
Card presence inputs (pins PRES and PRES)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
-0.3
-
0.3 VDD
V
VIH
High level input voltage
0.7 VDD
-VDD +0.3
V
|ILIH|
High level input leakage
current
VIH = VDD
-5
µA
|ILIL|
Low level input leakage
current
VIL = 0
-
5
µA
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C
Pin PRES is active low; pin PRES is active high, see Figure 8 and Figure 9; PRES has an integrated 1.25 µA current source
to GND. (PRES to VDD); the card is considered present if at least one of the inputs PRES or PRES is active.
Table 18.
Interrupt output (pin OFF NMOS drain with integrated 20 k
Ω pull-up resistor to VDD)
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
VOL
Low level output voltage
IOL = 2 mA
0
0.3
V
VOH
High level output voltage
IOH = –15 µA
0.75 VDD
V
RPU
Integrated pull-up resistor
20 k
Ω pull-up resistor to VDD
16
20
24
k
Ω
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.
Table 19.
Protection and limitation
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
|ICC(SD)|
Shutdown and limitation current pin VCC
90
120
mA
II/O(lim)
Limitation current pins I/O, AUX1 and AUX2
–15
15
mA
ICLK(lim)
Limitation current pin CLK
–70
70
mA
IRST(lim)
Limitation current pin RST
–20
20
mA
TSD
Shutdown temperature
150
°C
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.
Table 20.
Timing
Symbol
Parameter(1)
Test conditions
Min.
Typ.
Max.
Unit
tACT
Activation time
For VCC = 5 V
(See Figure 5)
50
220
µs
tDE
Deactivation time
(See Figure 7)50
80
100
µs
t3
Start of the window for sending CLK to card (See Figure 6)130
µs
t5
End of the window for sending CLK to card
(See Figure 6)
140
µs
tdebounce
Debounce time pins PRES and PRES
(See Figure 8)5
8
11
ms
1.
VDD = 3.3 V, VDDP = 5 V, fXTAL = 10 MHz, unless otherwise noted. Typical values are at TA = 25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com