Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST8024LACTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST8024LACTR Datasheet HTML 17Page - STMicroelectronics ST8024LACTR Datasheet HTML 18Page - STMicroelectronics ST8024LACTR Datasheet HTML 19Page - STMicroelectronics ST8024LACTR Datasheet HTML 20Page - STMicroelectronics ST8024LACTR Datasheet HTML 21Page - STMicroelectronics ST8024LACTR Datasheet HTML 22Page - STMicroelectronics ST8024LACTR Datasheet HTML 23Page - STMicroelectronics ST8024LACTR Datasheet HTML 24Page - STMicroelectronics ST8024LACTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ST8024L
Functional description
Doc ID 17709 Rev 5
21/35
6.4
I/O transceivers
The three data lines I/O, AUX1, and AUX2 are identical. The idle state is realized by both I/O
and I/OUC lines being pulled high via an 11 k
Ω resistor (I/O to VCC and I/OUC to VDD). Pin
I/O is referenced to VCC, and pin I/OUC to VDD, therefore allowing operation when VCC is not
equal to VDD. The first side of the transceiver to receive a falling edge becomes the master.
An anti-latch circuit disables the detection of falling edges on the line of the other side, which
then becomes a slave. After a time delay td(edge), an N transistor on the slave side is turned
on, therefore transmitting the logic 0 present on the master side. When the master side
returns to logic 1, a P transistor on the slave side is turned on during the time delay tPU and
then both sides return to their idle states. This active pull-up feature ensures fast low to high
transitions; it is able to deliver more than 1 mA, at an output voltage of up to 0.9 VCC, into an
80 pF load. At the end of the active pull-up pulse, the output voltage depends only on the
internal pull-up resistor and the load current. The current to and from the card I/O lines is
limited internally to 15 mA and the maximum frequency on these lines is 1 MHz.
6.5
Inactive mode
After a power-on reset, the circuit enters inactive mode. A minimum number of circuits are
active while waiting for the microcontroller to start a session:
– All card contacts are inactive (approximately 200
Ω to GND)
– Pins I/OUC, AUX1UC, and AUX2UC are in the high impedance state (11 k
Ω pull-up
resistor to VDD). Applies only to SO-28 and TSSOP-28 packages.
– Voltage generators are stopped
– XTAL oscillator is running
– Voltage supervisor is active
– The internal oscillator is running at its low frequency.
6.6
Activation sequence
After power-on and after the internal pulse width delay, the system microcontroller can
check the presence of a card using the signals OFF and CMDVCC, as shown in Table 22.
If the card is in the reader (this is the case if PRES or PRES is active), the system
microcontroller can start a card session by pulling CMDVCC low. The following sequence
then occurs (see Figure 6):
1. CMDVCC is pulled low and the internal oscillator changes to its high frequency (t0).
2. The step-up converter is started (between t0 and t1).
3. VCC rises from 0 to 5 V (or 1.8 V, 3 V) with a controlled slope (t2 = t1 + 1.5 x T) where
T is 64 times the period of the internal oscillator (approximately 25 µs).
4. I/O, AUX1, and AUX2 are enabled (t3 = t1 + 4T) (these were pulled low until this
moment).
5. CLK is applied to the C3 contact of the card reader (t4).
6. RST is enabled (t5 = t1 + 7T).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com