Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024LACTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # ST8024LACTR
Description  Smartcard interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024LACTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ST8024LACTR Datasheet HTML 21Page - STMicroelectronics ST8024LACTR Datasheet HTML 22Page - STMicroelectronics ST8024LACTR Datasheet HTML 23Page - STMicroelectronics ST8024LACTR Datasheet HTML 24Page - STMicroelectronics ST8024LACTR Datasheet HTML 25Page - STMicroelectronics ST8024LACTR Datasheet HTML 26Page - STMicroelectronics ST8024LACTR Datasheet HTML 27Page - STMicroelectronics ST8024LACTR Datasheet HTML 28Page - STMicroelectronics ST8024LACTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
ST8024L
Functional description
Doc ID 17709 Rev 5
25/35
6.10
Fault detection
The following fault conditions are monitored:
Short-circuit or high current on VCC
Removal of a card during a transaction
VDD dropping
Step-up converter operating out of the specified values (VDDP too low or current from
VUP too high)
Overheating
There are two different cases (see Figure 8):
–CMDVCC high outside a card session. Output OFF is low if a card is not in the
card reader, and high if a card is in the reader. A voltage drop on the VDD supply is
detected by the supply supervisor, this generates an internal power-on reset pulse
but does not act upon OFF. No short-circuit or overheating is detected because the
card is not powered-up.
–CMDVCC low within a card session. Output OFF goes low when a fault condition
is detected. As soon as this occurs, an emergency deactivation is performed
automatically (see Figure 9). When the system controller resets CMDVCC to high,
it may sense the OFF level again after completing the deactivation sequence. This
distinguishes between a hardware problem or a card extraction (OFF goes high
again if a card is present).
Depending on the type of card-present switch within the connector (normally closed or
normally open) and on the mechanical characteristics of the switch, bouncing may occur on
the PRES signals at card insertion or withdrawal.
There is a debounce feature in the device with an 8 ms typical duration (see Figure 8).
When a card is inserted, output OFF goes high only at the end of the debounce time.
When the card is extracted, an automatic deactivation sequence of the card is performed on
the first true/false transition on PRES or PRES and output OFF goes low.
Figure 8.
Behavior of OFF, CMDVCC, PRES, and VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com