Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8397 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS8397
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8397 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS8397 Datasheet HTML 1Page - LSI Computer Systems LS8397 Datasheet HTML 2Page - LSI Computer Systems LS8397 Datasheet HTML 3Page - LSI Computer Systems LS8397 Datasheet HTML 4Page - LSI Computer Systems LS8397 Datasheet HTML 5Page - LSI Computer Systems LS8397 Datasheet HTML 6Page - LSI Computer Systems LS8397 Datasheet HTML 7Page - LSI Computer Systems LS8397 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SYNC
As an output the sync can be used to drive sync pins of other
LS8397s. This eliminates the need for RC components for any
other
LS8397 controllers used in the system. As an input the
sync can be driven by the
LS8397 that has the RC oscillator
components or by any other system external clock.
PHA/PHB/PHC/PHD
Phase drive output signals for power stages. In a Bipolar motor
PHA and PHB are used for one H-bridge while PHC and PHD
are used for the other.
INH1/INH2 Outputs
These outputs are active low inhibit controls for motor drive
outputs. INH1 controls driver stage using PHA and PHB sig-
nals while INH2 control driver stage using PHC and PHD sig-
nals. When the Control input is low, these outputs are chopped
using the internal oscillator for current regulating.
CONTROL Input
When high, the phase outputs, PHA, PHB, PHC and PHD are
chopped. When low, INH1 and INH2 are chopped. Normally,
inhibit outputs are chopped. Phase chopping might be used
with a Bipolar motor that does not store much energy to pre-
vent fast current decay and a low useful torque.
ENABLE Input
When Enable input is low, INH1, INH2, PHA, PHB, PHC and
PHD are brought low.
HOME Output
An open drain output that indicates when the
LS8397 is in its
initial state with PHA, PHB, PHC, PHD = logic states 0101 re-
spectively. Refer to Figure 4. In the active state the open
drain device is off.
STEP Input
An active low pulse on this input causes the motor to advance
one step. The step occurs on the rising edge of the step signal.
FRD/REV Input
A logic 1 on this input causes the motor to advance through
the stepping sequence of Fig. 4. A logic 0 on this input cause
the motor to reverse the sequence.
RESET Input
An active low on this input cause the motor to be restored to
the home position (0101).
HALF/FULL Input
When high, half-step operation is selected. When low, full-step
operation is selected. The one-phase-on full step is selected
by selecting full when the stepping sequence is at an even
state. The two-phase-on full step operation is selected when
the stepping sequence is at an odd state. Refer to Figure 4.
SENSE1/ SENSE2 Inputs
Inputs for load current sense voltages from power stages using
PHA and PHB drive signals or PHC and PHD drive signals,
respectively.
When holding-torque mode is enabled, the motor torque is
switched to stepping torque at a step command followed by
holding torque after a programmable delay. The stepping torque
is controlled by the reference voltage VREFs input and the hold-
ing torque is controlled by the voltage at the VREFh input. The
delay is controlled by a resistor-capacitor pair connected to the
RC pin.
When the holding-torque mode is disabled, the motor torque re-
mains in the stepping torque mode all the time controlled by the
VREFs voltage.
RC Input/Output
A resistor-capacitor pair connected to this pin starts a time-out
delay at every step command. At the start of the delay, the ref-
erence voltage at the VREFs pin is switched in for the SENSE
comparators to produce higher stepping torque. At the end of
the time-out, the reference voltage at the VREFh pin is switched
in for the SENSE comparators to produce the lower holding
torque, reducing power dissipation while the motor is stationary.
The delay is given by Tds = 1.4RC
If tied low, holding torque mode is disabled and stepping torque
is produced in both dynamic and static states by using the
VREFs reference voltage.
VREFs Input
Input for the SENSE comparator reference voltage for produc-
ing stepping torque.
VREFh Input
Input for the SENSE comparator reference voltage for produc-
ing holding torque.
CT_EN Input
Input for selecting/deselecting compensated torque-ripple
mode. The step sequence in the half-step mode alternates be-
tween one-phase-on and two-phase-on states resulting in
torque ripple during the stepping sequence. In the compensat-
ed-torque mode, the ripple is eliminated by equalizing the
torques for the alternate states. This is done by alternately
switching the SENSE reference voltages between 100% and
70.7% in alternate cycles.
The CT_EN input is relevant only in the half-step mode, since
the alternating one-step-on and two-step-on sequence does not
exist in the full-step mode.
This input has an internal pull-up.
8397-011409-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com