Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8397 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS8397
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8397 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS8397 Datasheet HTML 1Page - LSI Computer Systems LS8397 Datasheet HTML 2Page - LSI Computer Systems LS8397 Datasheet HTML 3Page - LSI Computer Systems LS8397 Datasheet HTML 4Page - LSI Computer Systems LS8397 Datasheet HTML 5Page - LSI Computer Systems LS8397 Datasheet HTML 6Page - LSI Computer Systems LS8397 Datasheet HTML 7Page - LSI Computer Systems LS8397 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1
2
3
4
5
6
7
8
0101
1001
0001
1000
1010
0010
0110
0100
HOME
1
2
3
4
5
6
7
8
1000
0010
0100
0001
STEP
1
3
5
7
1
3
5
7
1
3
5
7
A
B
C
D
INH1
INH2
0
0
1
2
3
4
5
6
7
8
1010
0110
1001
0101
HOME
FIGURE 4A. HALF-STEP MODE
FIGURE 4B. NORMAL DRIVE MODE (TWO-PHASE-ON)
FIGURE 4C. WAVE DRIVE MODE (ONE-PHASE-ON)
STEP
1
2
3
4
5
6
7
8
1
2
3
4
5
A
B
C
D
INH1
INH2
STEP
2
4
6
8
2
4
6
8
2
4
6
8
A
B
C
D
INH1
INH2
FIGURE 4. MOTOR DRIVING SEQUENCES
The
LS8397 generates phase sequences for half-step mode, normal drive mode and wave drive mode. Advancing occurs on the positive
edge of the STEP input signal. HOME is defined as PHA, PHB, PHC, PHD being 0101, respectively. The State Diagrams showing the
phase output polarities for all states are shown above for clockwise rotation. For counter clockwise rotation, the sequences are reversed.
RESET restores the phases to 0101 and State 1.
8397-111308-5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com