Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8397 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS8397
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8397 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS8397 Datasheet HTML 1Page - LSI Computer Systems LS8397 Datasheet HTML 2Page - LSI Computer Systems LS8397 Datasheet HTML 3Page - LSI Computer Systems LS8397 Datasheet HTML 4Page - LSI Computer Systems LS8397 Datasheet HTML 5Page - LSI Computer Systems LS8397 Datasheet HTML 6Page - LSI Computer Systems LS8397 Datasheet HTML 7Page - LSI Computer Systems LS8397 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage
10
V
Vi
Input Signals
7
V
TSTG, TJ
Storage and Junction Temperatures
-40 to +150
°C
ELECTRICAL CHARACTERISTICS: (Refer to Block Diagram, Figure 2, and Timing Diagram, Figure 3)
TA = +25°C, VDD
= +5V unless otherwise specified.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
(
Pin 15)
Supply Voltage
VDD
4.75
-
7
V
-
Quiescent Supply Current
IDD
-
300
400
uA
Outputs floating
(
Pins 13, 14, 21, 22, 23 and 24)
Input Voltage Low
VIL
-
-
0.75
V
-
Input Voltage High
VIH
2
-
-
V
-
(
Pins 14, 21, 22, 23, 29)
Input Current
IIH, IIL
-
-
50
nA
VI = VIL or VIH
Input Current (
Pin 13)
IIL
-
-
50
nA
VI = 0
IIH
-
-
50
nA
VI = VDD
(
Pin 10)
Enable Input Voltage Low
VENL
-
-
1.3
V
-
Enable Input Voltage High VENH
2
-
-
V
-
Enable Input Current
IEN
-
-
50
nA
VEN = VENL
Enable Input Current
IEN
-
-
50
nA
VEN = VENH
(
Pins 4, 6, 7, 9)
Phase Output Voltage Low VOL
-
-
0.5
V
IO = -10mA
Phase Output Voltage High VOH
4.0
-
-
V
IO = 5mA
(
Pins 5, 8)
Inhibit Output Voltage Low VInhL
-
-
0.5
V
IO = -10mA
Inhibit Output Voltage High VInhH
4.0
-
-
V
IO = 5mA
Leakage Current (
Pin 3)
ILeak
-
-
1
uA
VCE = 7V
Saturation Voltage (
Pin 3) VSat
-
-
0.4
V
I = 5mA
(
Pins 13, 14, 15)
Comparators Offset Voltage VOff
-
5
-
mV
VREF = 1V
Comparator Bias Current
IO
100
-
10
uA
-
(
Pins 18, 19)
Input Reference Voltages
VREFs, VREFh 0
-
3
V
-
Input Currents
IREFs, IREFh
-
-
8
uA
VREFs, VREFh = 3V
(
Pin 11)
RC Input Low
VRCL
0
-
2.5
V
-
RC Input High
VRCH
3.5
-
-
V
-
External resistor at RC
R
10
-
No Limit
kΩ
-
Step Pulse Width
tstp
0.5
-
-
us
-
Set up time
tS
1
-
-
us
-
Hold time
tH
4
-
-
us
-
Reset time
tR
1
-
-
us
-
Reset to Step delay
tRStp
1
-
-
us
-
(
Pin 20)
Oscillator:
Sawtooth Low
VSOL
-
2.1
-
V
-
Sawtooth High
VSOH
-
3.65
-
V
-
8397-040709-3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com