Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8397 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS8397
Description  STEPPER MOTOR CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8397 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS8397 Datasheet HTML 1Page - LSI Computer Systems LS8397 Datasheet HTML 2Page - LSI Computer Systems LS8397 Datasheet HTML 3Page - LSI Computer Systems LS8397 Datasheet HTML 4Page - LSI Computer Systems LS8397 Datasheet HTML 5Page - LSI Computer Systems LS8397 Datasheet HTML 6Page - LSI Computer Systems LS8397 Datasheet HTML 7Page - LSI Computer Systems LS8397 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FIGURE 3. Input Timing Diagram
8397-040709-4
tSTP
tS
tH
tR
tRSTP
STEP
FWD/REV
HALF/FULL
RESET
FIGURE 2. LS8397 BLOCK DIAGRAM
OUTPUT LOGIC
TRANSLATOR
+
-
20
18
SENSE1
17
SENSE2
VREFh
OSC
21
24
23
16
4
9
5
6
7
8
PHA INH1 PHB PHC
PHD
INH2
VDD
HALF/FULL
FWD/REV
OSC
S
Q
R
FF1
R
S
Q
FF2
1
10
3
HOME
+
-
SYNC
CONTROL
15
ENABLE
MUX
x0.707
22
STEP
Q R
S
x0.707
VREFs
19
14
11
VDD
CT_EN
13
RESET
RC
2
VSS
+V
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Condition
Oscillator Frequency
fOSC
-
30
-
kHz
R = 22kΩ, C = 3.3nF
SYNC (Pin1)
Sync Output Voltage Low
VSyncL
-
-
0.8
V
IO = -5mA
Sync Output Voltage High VSyncH
3.0
-
-
V
IO = 5mA
Sync Input Pulse Width
TSPW
-
3.3
-
V
R = 22kΩ, C = 3.3nF
Sync Input Switching Point TSSP
-
2.0
-
us
Pin 16 < 1.0V
Sync Input Pulse Width
IIS
-
-425
-
uA
Pin 16 < 1.0V, VIN = VDD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com