Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 216 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 216 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 212Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 213Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 214Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 215Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 216Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 217Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 218Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 219Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 220Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 216
 2010-2011 Microchip Technology Inc.
REGISTER 15-1:
OCxCON1: OUTPUT COMPARE x CONTROL REGISTER 1
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
OCSIDL
OCTSEL2
OCTSEL1
OCTSEL0
ENFLT2(2)
ENFLT1(2)
bit 15
bit 8
R/W-0
R/W-0, HSC R/W-0, HSC R/W-0, HSC
R/W-0
R/W-0
R/W-0
R/W-0
ENFLT0(2)
OCFLT2(2,3) OCFLT1(2,4) OCFLT0(2,4) TRIGMODE
OCM2(1)
OCM1(1)
OCM0(1)
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
OCSIDL:
Stop Output Compare x in Idle Mode Control bit
1
= Output Compare x Halts in CPU Idle mode
0
= Output Compare x continues to operate in CPU Idle mode
bit 12-10
OCTSEL<2:0>:
Output Compare x Timer Select bits
111
= Peripheral clock (FCY)
110
= Reserved
101
= Reserved
100
= Timer1 clock (only synchronous clock is supported)
011
= Timer5 clock
010
= Timer4 clock
001
= Timer3 clock
000
= Timer2 clock
bit 9
ENFLT2:
Fault Input 2 Enable bit(2)
1
= Fault 2 (Comparator 1/2/3 out) is enabled(3)
0
= Fault 2 is disabled
bit 8
ENFLT1:
Fault Input 1 Enable bit(2)
1
= Fault 1 (OCFB pin) is enabled(4)
0
= Fault 1 is disabled
bit 7
ENFLT0:
Fault Input 0 Enable bit(2)
1
= Fault 0 (OCFA pin) is enabled(4)
0
= Fault 0 is disabled
bit 6
OCFLT2:
PWM Fault 2 (Comparator 1/2/3) Condition Status bit(2,3)
1
= PWM Fault 2 has occurred
0
= No PWM Fault 2 has occurred
bit 5
OCFLT1:
PWM Fault 1 (OCFB pin) Condition Status bit(2,4)
1
= PWM Fault 1 has occurred
0
= No PWM Fault 1 has occurred
Note 1:
The OCx output must also be configured to an available RPn pin. For more information, see Section 11.4
“Peripheral Pin Select (PPS)”
.
2:
The Fault input enable and Fault status bits are valid when OCM<2:0> = 111 or 110.
3:
The Comparator 1 output controls the OC1-OC3 channels; Comparator 2 output controls the OC4-OC6
channels; Comparator 3 output controls the OC7-OC9 channels.
4:
The OCFA/OCFB Fault input must also be configured to an available RPn/RPIn pin. For more information,
see Section 11.4 “Peripheral Pin Select (PPS)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com