Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 218 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 218 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 214Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 215Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 216Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 217Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 218Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 219Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 220Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 221Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 222Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 218
 2010-2011 Microchip Technology Inc.
REGISTER 15-2:
OCxCON2: OUTPUT COMPARE x CONTROL REGISTER 2
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
FLTMD
FLTOUT
FLTTRIEN
OCINV
—
DCB1(3)
DCB0(3)
OC32
bit 15
bit 8
R/W-0
R/W-0 HS
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
OCTRIG
TRIGSTAT
OCTRIS
SYNCSEL4
SYNCSEL3
SYNCSEL2
SYNCSEL1
SYNCSEL0
bit 7
bit 0
Legend:
HS = Hardware Settable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
FLTMD:
Fault Mode Select bit
1
= Fault mode is maintained until the Fault source is removed and the corresponding OCFLT0 bit is
cleared in software
0
= Fault mode is maintained until the Fault source is removed and a new PWM period starts
bit 14
FLTOUT:
Fault Out bit
1
= PWM output is driven high on a Fault
0
= PWM output is driven low on a Fault
bit 13
FLTTRIEN:
Fault Output State Select bit
1
= Pin is forced to an output on a Fault condition
0
= Pin I/O condition is unaffected by a Fault
bit 12
OCINV:
OCMP Invert bit
1
= OCx output is inverted
0
= OCx output is not inverted
bit 11
Unimplemented:
Read as ‘0’
bit 10-9
DCB<11:0>:
PWM Duty Cycle Least Significant bits(3)
11
= Delay OCx falling edge by ¾ of the instruction cycle
10
= Delay OCx falling edge by ½ of the instruction cycle
01
= Delay OCx falling edge by ¼ of the instruction cycle
00
= OCx falling edge occurs at the start of the instruction cycle
bit 8
OC32:
Cascade Two OC Modules Enable bit (32-bit operation)
1
= Cascade module operation is enabled
0
= Cascade module operation is disabled
bit 7
OCTRIG:
OCx Trigger/Sync Select bit
1
= Trigger OCx from the source designated by the SYNCSELx bits
0
= Synchronize OCx with the source designated by the SYNCSELx bits
bit 6
TRIGSTAT:
Timer Trigger Status bit
1
= Timer source has been triggered and is running
0
= Timer source has not been triggered and is being held clear
bit 5
OCTRIS:
OCx Output Pin Direction Select bit
1
= OCx pin is tri-stated
0
= Output compare peripheral x is connected to an OCx pin
Note 1:
Never use an OC module as its own trigger source, either by selecting this mode or another equivalent
SYNCSELx setting.
2:
Use these inputs as trigger sources only and never as sync sources.
3:
The DCB<1:0> bits are double-buffered in the PWM modes only (OCM<2:0> (OCxCON1<2:0>) = 111, 110).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com