Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 249 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 249 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 245Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 246Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 247Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 248Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 249Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 250Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 251Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 252Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 253Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 249
PIC24FJ128GA310 FAMILY
19.0
DATA SIGNAL MODULATOR
The Data Signal Modulator (DSM) allows the user to
mix a digital data stream (the “modulator signal”) with a
carrier signal to produce a modulated output. Both the
carrier and the modulator signals are supplied to the
DSM module, either internally from the output of a
peripheral, or externally through an input pin.
The modulated output signal is generated by perform-
ing a logical AND operation of both the carrier and
modulator signals and then it is provided to the MDOUT
pin. Using this method, the DSM can generate the
following types of key modulation schemes:
• Frequency Shift Keying (FSK)
• Phase Shift Keying (PSK)
• On-Off Keying (OOK)
Figure 19-1 shows a simplified block diagram of the
Data Signal Modulator peripheral.
FIGURE 19-1:
SIMPLIFIED BLOCK DIAGRAM OF THE DATA SIGNAL MODULATOR
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 55. “Data Signal Modulator
(DSM)”
(DS39744). The information in this
data sheet supersedes the information in
the FRM.
D
Q
MDBIT
MDMIN
SSP1 (SDO)
SSP2 (SDO)
UART1 (TX)
UART2 (TX)
UART3 (TX)
UART4 (TX)
VSS
MDCIN1
MDCIN2
REFO Clock
OC/PWM1
OC/PWM2
OC/PWM3
OC/PWM4
MDCH<3:0>
MDMS<3:0>
MDCL<3:0>
OC/PWM1
OC/PWM2
SYNC
CHPOL
CLPOL
D
Q
1
0
SYNC
1
0
CHSYNC
CLSYNC
MDOUT
MDOPOL
MDOE
CARH
CARL
EN
MDEN
Data Signal
Modulator
MOD
OC/PWM5
OC/PWM6
OC/PWM7
VSS
MDCIN1
MDCIN2
REFO Clock
OC/PWM1
OC/PWM2
OC/PWM3
OC/PWM4
OC/PWM5
OC/PWM6
OC/PWM7
OC/PWM3
OC/PWM4
OC/PWM5
OC/PWM6
OC/PWM7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com